Electronic Components Datasheet Search
  English  ▼

X  

GS7032 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS7032
Description  Digital Video Serializer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS7032 Datasheet(HTML) 3 Page - Gennum Corporation

  GS7032 Datasheet HTML 1Page - Gennum Corporation GS7032 Datasheet HTML 2Page - Gennum Corporation GS7032 Datasheet HTML 3Page - Gennum Corporation GS7032 Datasheet HTML 4Page - Gennum Corporation GS7032 Datasheet HTML 5Page - Gennum Corporation GS7032 Datasheet HTML 6Page - Gennum Corporation GS7032 Datasheet HTML 7Page - Gennum Corporation GS7032 Datasheet HTML 8Page - Gennum Corporation GS7032 Datasheet HTML 9Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
14583 - 04
3 of 9
AC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0° – 70°C unless otherwise specified.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
TEST
LEVEL
Serial Data Bit Rate
BRSDO
RVCO = 374Ω
-
270Mb/s
-
Mb/s
SMPTE
259M-C
3
Serial Data Outputs Signal
Swing
VSDO
RLOAD = 37.5Ω, RSET = 54.9Ω
740
800
860
mVp-p
1
SD Rise/Fall Times
tr, tf
20% - 80%
400
-
700
ps
7
SD Overshoot/Undershoot
-
-
7
%
1
7
Output Return Loss
ORL
at 270MHz
15
-
-
dB
1
7
Lock Time
tLOCK
Worst case
-
-
5
ms
6
Min Loop Bandwidth
BWMIN
LBWC = Grounded : BWMIN
-
220
-
kHz
7
Typical Loop Bandwidth
BWTYP
LBWC = Floating :
BWMIN
-
500
-
kHz
7
Max Loop Bandwidth
BWMAX
LBWC = VCC : 10 BWMIN
-1.7
-
MHz
7
Intrinsic Jitter (6
σ)LBWC = V
CC (270Mb/s)
-
0.08
-
UI
3
Data & Clock Inputs
(PD[9:0] PCLKIN)
tSU
Setup Time at 25°C
2.5
-
-
ns
3
tH
Hold Time at 25°C
2.0
-
-
ns
3
TEST LEVELS
1. Production test at room temperature and nominal supply voltage with guardbands for
supply and temperature ranges.
2. Production test at room temperature and nominal supply voltage with guardbands for
supply and temperature ranges using correlated test.
3. Production test at room temperature and nominal supply voltage.
4. QA sample test.
5. Calculated result based on Level 1,2, or 3.
6. Not tested. Guaranteed by design simulations.
7. Not tested. Based on characterization of nominal parts.
8. Not tested. Based on existing design/characterization data of similar product.
NOTES
1. Depends on PCB layout.
10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com