Electronic Components Datasheet Search
  English  ▼

X  

GS9028 Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9028
Description  Cable Driver with Two Adjustable Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9028 Datasheet(HTML) 6 Page - Gennum Corporation

  GS9028 Datasheet HTML 1Page - Gennum Corporation GS9028 Datasheet HTML 2Page - Gennum Corporation GS9028 Datasheet HTML 3Page - Gennum Corporation GS9028 Datasheet HTML 4Page - Gennum Corporation GS9028 Datasheet HTML 5Page - Gennum Corporation GS9028 Datasheet HTML 6Page - Gennum Corporation GS9028 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
521 - 68 - 05
6 of 7
The termination resistor (RT) value should be equal to the
characteristic
impedance
of
the
cable.
Controlled
impedance traces should be used for the outputs and the
termination resistors should be placed near the GS9028.
The inductor (L) and resistor (R) are used to optimize the
output return loss and are PCB dependent. Typically, R
equals the transmission line characteristic impedance and
L is approximately 8.2nH.
OUTPUT AMPLITUDE ADJUSTMENT
The GS9028 outputs are adjustable from as low as 50mV to
as high as 1000mV. The output amplitude is set by the RSET
resistor connected to pin 4. The relationship between the
output amplitude (VOUT) and RSET is approximately given by
the equation below:
RSET = (1.3696 x ZO)/(2 x VOUT) - 5.5
where ZO is in ohms and VOUT is in volts.
The minimum value of RSET is 46Ω. For 75Ω cable and
800mV output amplitudes, the value of RSET is 59Ω. Also,
note that the above formula assumes that the transmission
line is properly end terminated.
TYPICAL APPLICATION CIRCUIT
75
75
75
75
59
10n
8.2nH
1µ
1µ
1µ
100n
VCC
RSET
VEE
SDO
SDO
VEE
SDI
SDI
VCC
VCC
8.2nH
GS9028
4
3
2
1
5
6
7
8
All resistors in ohms, all capacitors in farads, unless otherwise shown.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com