Electronic Components Datasheet Search
  English  ▼

X  

GS9028 Datasheet(PDF) 1 Page - Gennum Corporation

Part # GS9028
Description  Cable Driver with Two Adjustable Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9028 Datasheet(HTML) 1 Page - Gennum Corporation

  GS9028 Datasheet HTML 1Page - Gennum Corporation GS9028 Datasheet HTML 2Page - Gennum Corporation GS9028 Datasheet HTML 3Page - Gennum Corporation GS9028 Datasheet HTML 4Page - Gennum Corporation GS9028 Datasheet HTML 5Page - Gennum Corporation GS9028 Datasheet HTML 6Page - Gennum Corporation GS9028 Datasheet HTML 7Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: June 2004
Document No. 521 - 68 - 05
DATA SHEET
FEATURES
• SMPTE 259M compliant
• two complementary outputs, adjustable from 50 to
1000mVp-p into 75
Ω loads
• operational from DC to 622Mb/s
• nominal 470ps rise and fall times
• < ±7% output amplitude control
• 45% system power reduction over the GS9008
• no external pulldown resistors required
• input hysteresis
• operational down to 80mV input amplitude
• operates from a single +5 or -5 volt supply
• 8 pin SOIC
• Pb-free and Green
APPLICATIONS
4ƒsc, 4:2:2, and 4:4:4:4 serial digital video interfaces from
143Mb/s to 540Mb/s; general purpose high speed cable
driver applications.
DESCRIPTION
The GS9028 is a second generation bipolar integrated
circuit designed to drive two 75
Ω co-axial cables.
The GS9028 features two complementary outputs whose
amplitude is controlled within ± 7%. The output signal levels
are also adjustable from as low as 50mV to as high as
1000mV with little change in other performance parameters.
The output amplitude of the output stage is varied by
adjusting the RSET resistor value.
The GS9028 consumes 45% less system power than the
GS9008 and does not require external pulldown resistors
resulting in a smaller PCB footprint. Operational with input
amplitudes as low as 80mV, the GS9028 is a robust serial
interface device.
The GS9028 is packaged in an 8 pin SOIC and operates
from a single +5 or -5 volt supply.
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
Pb-FREE AND GREEN
GS9028-CKA
8 pin SOIC
0°C to 70°C
No
GS9028-CTA
8 pin SOIC Tape
0°C to 70°C
No
GS9028-CKAE3
8 pin SOIC
0°C to 70°C
Yes
GS9028-CTAE3
8 pin SOIC Tape
0°C to 70°C
Yes
SDO
RSET
SDO
SDI
SDI
BANDGAP REFERENCE AND BIASING CIRCUIT
OUTPUT STAGE
& RISE/FALL TIME
CONTROL CIRCUIT
INPUT
DIFFERENTIAL
PAIR WITH
HYSTERESIS
BLOCK DIAGRAM
GENLINX ™
II GS9028 Cable Driver
with Two Adjustable Outputs


Similar Part No. - GS9028

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
GS9028-CKA GENNUM-GS9028-CKA Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
GS9028-CTA GENNUM-GS9028-CTA Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
More results

Similar Description - GS9028

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC001 NSC-CLC001 Datasheet
155Kb / 10P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006 Datasheet
189Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
List of Unclassifed Man...
GS9008 ETC-GS9008 Datasheet
70Kb / 4P
Cable Driver with Two Adjustable Outputs
GS9009 ETC-GS9009 Datasheet
129Kb / 4P
GS9009 CABLE DRIVER WITH FOUR ADJUSTABLE OUTPUTS
logo
Gennum Corporation
GS9028 GENNUM-GS9028 Datasheet
106Kb / 7P
Cable Driver with Two Adjustable Outputs
GS9008A GENNUM-GS9008A Datasheet
91Kb / 4P
GENLINX -TM GS9008A Cable Driver with Two Adjustable Outputs
logo
National Semiconductor ...
CLC001 NSC-CLC001_06 Datasheet
567Kb / 11P
Serial Digital Cable Driver with Adjustable Outputs
CLC006 NSC-CLC006_07 Datasheet
298Kb / 12P
Serial Digital Cable Driver with Adjustable Outputs
logo
Texas Instruments
CLC001AJE-TR13 TI-CLC001AJE-TR13 Datasheet
569Kb / 13P
Serial Digital Cable Driver with Adjustable Outputs
CLC001 TI1-CLC001_14 Datasheet
604Kb / 14P
Serial Digital Cable Driver with Adjustable Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com