Electronic Components Datasheet Search
  English  ▼

X  

GS9076 Datasheet(PDF) 9 Page - Gennum Corporation

Part # GS9076
Description  HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9076 Datasheet(HTML) 9 Page - Gennum Corporation

Back Button GS9076 Datasheet HTML 5Page - Gennum Corporation GS9076 Datasheet HTML 6Page - Gennum Corporation GS9076 Datasheet HTML 7Page - Gennum Corporation GS9076 Datasheet HTML 8Page - Gennum Corporation GS9076 Datasheet HTML 9Page - Gennum Corporation GS9076 Datasheet HTML 10Page - Gennum Corporation GS9076 Datasheet HTML 11Page - Gennum Corporation GS9076 Datasheet HTML 12Page - Gennum Corporation GS9076 Datasheet HTML 13Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
GS9076 Data Sheet
44617 - 1
January 2008
9 of 25
2.3 AC Electrical Characteristics
RCO_MUTE
–
I = -1.5mA
VCC - 0.165
VCC
VCC + 0.165
V
Serial Input Voltage
–
Common Mode
1.65 +
(VSID/2)
–VCC -
(VSID/2)
V
Serial Output Voltage
DDO0/DDO0,
RCO/DDO1
/ RCO/DDO1
–
Common Mode
–
VCC - (VOD/2)
–
V
Table 2-1: DC Electrical Characteristics (Continued)
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown. Typical values: VCC = 3.3V and TA =25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Table 2-2: AC Electrical Characteristics
VCC = 3.3V ±5%, TA = 0°C to 70°C, unless otherwise shown. Typical values: VCC = 3.3V and TA =25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
Serial Input Data Rate
–
–
–
270
–
Mb/s
–
Serial Input Jitter Tolerance
–
Worst case modulation (e.g.
square wave modulation)
0.8
–
–
UI
–
PLL Lock Time - Asynchronous
tALOCK
––
0.5
2.0
ms
–
PLL Lock Time - Synchronous
tSLOCK
KBB = Float, CLF=47nF,
270Mb/s
–
5
20
us
–
Serial Output Rise/Fall Time
SDO0 and RCO/DDO1 (20% -
80%)
trSDO,trRCO
50
Ω load (on chip)
–
110
–
ps
–
tfSDO,tfRCO
50
Ω load (on chip)
–
110
–
ps
–
Serial Digital Input Signal Swing
VSID
Differential with internal
100
Ω input termination
See Figure 2-1
100
–
800
mVp-p
–
Serial Digital Output Signal Swing
DDO0 and RCO/DDO1
VOD
100
Ω load differential
See Figure 2-2
300
450
600
mVp-p
–
DDO0 to DDO1 skew
DDskew
270Mb/s
–
156
–
ps
1
DDO0 to RCO skew
DRskew
270 Mb/s
–
37
–
ps
2
Serial Output Jitter on DDO0 and
DDO1
tOJ
270 Mb/s
–
0.02
0.07
UI
3
Additive Jitter
tAJ
Bypass mode, 270 Mb/s
–
15
–
ps
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com