Electronic Components Datasheet Search
  English  ▼

X  

GS9076 Datasheet(PDF) 18 Page - Gennum Corporation

Part # GS9076
Description  HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9076 Datasheet(HTML) 18 Page - Gennum Corporation

Back Button GS9076 Datasheet HTML 14Page - Gennum Corporation GS9076 Datasheet HTML 15Page - Gennum Corporation GS9076 Datasheet HTML 16Page - Gennum Corporation GS9076 Datasheet HTML 17Page - Gennum Corporation GS9076 Datasheet HTML 18Page - Gennum Corporation GS9076 Datasheet HTML 19Page - Gennum Corporation GS9076 Datasheet HTML 20Page - Gennum Corporation GS9076 Datasheet HTML 21Page - Gennum Corporation GS9076 Datasheet HTML 22Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
GS9076 Data Sheet
44617 - 1
January 2008
18 of 25
4.4 Frequency Acquisition Loop — The Phase-Frequency Detector
An external crystal of 14.140 MHz is used as a reference to keep the VCO centered
at the last known data rate. This allows the device to achieve a fast synchronous
lock, especially in cases where a known data rate is interrupted. The crystal
reference is also used to clock internal timers and counters. To keep the optimal
performance of the reclocker over all operating conditions, the crystal frequency
must be 14.140 MHz, +/-50ppm. The GO1535 meets this specification and is
available from GENNUM.
The VCO is divided by a selected ratio which is dependant on the input data rate.
The resultant is then compared to the crystal frequency. If the divided VCO
frequency and the crystal frequency are within 1% of each other, the PLL is
considered to be locked to the input data rate.
4.5 Phase Acquisition Loop — The Phase Detector
The phase detector is a digital quadrature phase detector. It indicates whether the
input data is leading or lagging with respect to a clock that is in phase with the VCO
(I-clk) and a quadrature clock (Q-clk). When the phase acquisition loop (PA loop)
is locked, the input data transition is aligned to the falling edge of I-clk and the
output data is re-timed on the rising edge of I-clk. During high input jitter conditions
(>0.25UI), Q-clk will sample a different value than I-clk. In this condition, two extra
phase correction signals will be generated which instructs the charge pump to
create larger frequency corrections for the VCO.
Figure 4-2: Phase Detector Characteristics
When the PA loop is active, the crystal frequency and the incoming data rate are
compared. If the resultant is more that 2%, the PLL is considered to be unlocked
and the system jumps to the FA loop.
i-PHASE ALIGNMENT
EDGE
DATA RE-TIMING
EDGE
q-PHASE ALIGNMENT
EDGE
0.25UI
0.8UI
I-clk
q-clk
INPUT DATA
WITH JITTER
RE-TIMED
OUTPUT DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com