Electronic Components Datasheet Search
  English  ▼

X  

GS9077 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS9077
Description  HD-LINX III SD-SDI Cable Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9077 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS9077 Datasheet HTML 6Page - Gennum Corporation GS9077 Datasheet HTML 7Page - Gennum Corporation GS9077 Datasheet HTML 8Page - Gennum Corporation GS9077 Datasheet HTML 9Page - Gennum Corporation GS9077 Datasheet HTML 10Page - Gennum Corporation GS9077 Datasheet HTML 11Page - Gennum Corporation GS9077 Datasheet HTML 12Page - Gennum Corporation GS9077 Datasheet HTML 13Page - Gennum Corporation GS9077 Datasheet HTML 14Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
GS9077 Data Sheet
44619 - 0
May 2007
13 of 14
6.4 Marking Diagram
6.5 Ordering Information
GS9077
XXXXE3
YYWW
XXXX - Lot/Work Order ID
YYWW - Date Code
YY -
2-digit year
WW -
2-digit week number
Pin 1 Indicator
Part Number
Package
Temperature Range
GS9077
GS9077CNE3
16-pin QFN
0°C to 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com