Electronic Components Datasheet Search
  English  ▼

X  

GS9077 Datasheet(PDF) 3 Page - Gennum Corporation

Part # GS9077
Description  HD-LINX III SD-SDI Cable Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9077 Datasheet(HTML) 3 Page - Gennum Corporation

  GS9077 Datasheet HTML 1Page - Gennum Corporation GS9077 Datasheet HTML 2Page - Gennum Corporation GS9077 Datasheet HTML 3Page - Gennum Corporation GS9077 Datasheet HTML 4Page - Gennum Corporation GS9077 Datasheet HTML 5Page - Gennum Corporation GS9077 Datasheet HTML 6Page - Gennum Corporation GS9077 Datasheet HTML 7Page - Gennum Corporation GS9077 Datasheet HTML 8Page - Gennum Corporation GS9077 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
GS9077 Data Sheet
44619 - 0
May 2007
3 of 14
1. Pin Out
1.1 Pin Assignment
Figure 1-1: 16-Pin QFN
1.2 Pin Descriptions
Center Pad
(bottom of package)
GS9077
(top view)
1
VEE
DDI
DDI
2
3
4
SDO
SDO
VCC
12
11
10
9
5
7
68
13
14
15
16
RSET
NC
Table 1-1: Pin Descriptions
Pin Number
Name
Timing
Type
Description
1,2
DDI, DDI
Analog
Input
Serial digital differential input.
3VEE
–
Power
Most negative power supply connection. Connect to GND.
4RSET
Analog
Input
External output amplitude control resistor.
5,8,10,13,14,
15,16
NC
–
–
No Connect. Not bonded internally.
6
DISABLE
Non
Synchronous
Input
Serial output disable. When asserted LOW, the SDO/SDO output driver is
powered off. SDO/SDO will float to VCC through the pull-up resistor.
7
RSVD
–
Reserved
Do not connect.
9VCC
–
Power
Most positive power supply connection. Connect to +3.3V.
11,12
SDO, SDO
Analog
Output
Serial digital differential output.
–
Center Pad
–
Power
Connect to most negative power supply plane following the
recommendations in Recommended PCB Footprint on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com