Electronic Components Datasheet Search
  English  ▼

X  

AA01A Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # AA01A
Description  0.5mm Pitch Stacking Type Board-to-Board Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AA01A Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  AA01A Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MB-0197-2
2/6
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
Materials and Finishes
Component
Material / Finish
Contact
Copper alloy / Au plating (0.1um min.)
Insulator
Heat resistant plastic
Hold-down
Plug: Copper alloy / Sn plating
Receptacle: Copper alloy / Sn plating
Ordering Information
AA01A -P
***
V
A
*
-R****
Modification Code
Connection Type
V: Stacking Type
No. of Contacts
Series
Side
P: Plug
Finish
A: Au Plating
Reel Product No. (Note 1)
(Note 1) An embossed tape reel contains 3000 pieces.
For information on emboss taping specifications, please contact us directly.
Ordering Information
AA01A -S
***
V
A
*
-R****
Modification Code
Connection Type
V: Stacking Type
No. of Contacts
Series
Side
S: Receptacle
Finish
A: Au Plating
Reel Product No. (Note 1)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com