Electronic Components Datasheet Search
  English  ▼

X  

AA01A Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # AA01A
Description  0.5mm Pitch Stacking Type Board-to-Board Connector
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

AA01A Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  AA01A Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. AA01A Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
1/6
MB-0197-2
January 2011
JAE PMK Div. Proprietary. Copyright © 2011, Japan Aviation Electronics Industry, Ltd.
Features
AA01A Series
0.5mm Pitch Stacking Type Board-to-Board Connector
General Specifications
No. of Contacts :
10, 30, 40, 60 pos.
Pitch: 0.5mm, 2 rows
Operating Temperature:
-40 Deg. C to +85 Deg. C
Contact Resistance:
70m ohm max. (initial)
Durability: 30 mating cycles
* 0.5mm pitch, 2 rows, 10 to 60 positions, 1.5mm stacking height.
*The contact structure and surface shape ensure high abrasion resistance and
high contact reliability.
* Secure hold-downs prevent insulator breakage and peeling from FPC for both
plug and receptacle.
*2-point contact design to resist twisting stress.
*Pb-free. Nickel barrier finish on contact prevents solder migration.
Rated Current: AC, DC 0.2A / per pos.
Rated Voltage: AC, DC 50V
Insulation Resistance: 100M ohm min. (initial)
Dielectric Withstanding Voltage:
AC250Vr.m.s per minute
Total Insertion Force:
1N x n max. (n: pos.)
Total Withdrawal Force:
0.2Nx n min. (n: pos.)
The AA01A Series connectors are 0.5mm-pitch, stacking type, board-to-board
connectors ideal for slim, low-profile devices such as mobile phones, LCDs,
notebook PCs, and PDAs, which have high density mounting requirements.
RoHS Compliant
Receptacle
Plug


Similar Part No. - AA01A

ManufacturerPart #DatasheetDescription
logo
MKS Instruments.
AA01A MKS-AA01A Datasheet
271Kb / 4P
All products are specified in percent of Reading for best accuracy and improved process yield
More results

Similar Description - AA01A

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
0.5mm Pitch Board to Board Connector
logo
SUYIN USA, INC.
500002FB SUYIN-USA-500002FB Datasheet
132Kb / 1P
0.5mm PITCH BOARD TO BOARD CONNECTOR
logo
Japan Aviation Electron...
AA07 JAE-AA07 Datasheet
449Kb / 7P
0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
0.5mm Pitch Board to Board Connector
logo
Japan Aviation Electron...
WP6 JAE-WP6 Datasheet
883Kb / 8P
0.4mm Pitch, Stacking Type Board-to-Board Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
0.4mm Pitch, Stacking Type Board-to-board Connector
WP10 JAE-WP10 Datasheet
898Kb / 7P
Stacking Type Board-to-Board (FPC) Connector
WP25D JAE-WP25D Datasheet
562Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP26D JAE-WP26D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
WP27D JAE-WP27D Datasheet
485Kb / 5P
0.35mm Pitch, Stacking Type Board-to-Board (FPC) Connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com