Electronic Components Datasheet Search
  English  ▼

X  

MAGIC6 Datasheet(PDF) 5 Page - ADTech

Part # MAGIC6
Description  specifically designed for LED lighting and decorative LED lighting applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

MAGIC6 Datasheet(HTML) 5 Page - ADTech

  MAGIC6 Datasheet HTML 1Page - ADTech MAGIC6 Datasheet HTML 2Page - ADTech MAGIC6 Datasheet HTML 3Page - ADTech MAGIC6 Datasheet HTML 4Page - ADTech MAGIC6 Datasheet HTML 5Page - ADTech MAGIC6 Datasheet HTML 6Page - ADTech MAGIC6 Datasheet HTML 7Page - ADTech MAGIC6 Datasheet HTML 8Page - ADTech MAGIC6 Datasheet HTML 9Page - ADTech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
MAGIC6
July. 29. 2011 / Rev. 0.1
ABSOLUTE MAXIMUM RATINGS (Note 1)
DC CHARACTERISTIC TEST CIRCUIT
ILED
Magic6
VCC
LED
REXT
NGND
GND
REXT
10V, 18V
VLED = 1.0V
ELECTRICAL CHARACTERISTICS (VCC=12V, REXT=41.2k, Ta = 25oC)
℃/W
250
θ
JA
Thermal Resistance (Note 3)
℃
150
TJMAX
Junction Temperature
-55 ~ 150
-40 ~ 85
0.4
120
20
-0.3
RATING
℃
Tstg
Storage Temperature
℃
Topr
Operating Temperature
W
PD
Power Dissipation (Ta = 25oC) (Note 2)
mA
ILED
Output Current
V
VCC
Power Voltage
V
GND
Ground Voltage
UNIT
SYMBOL
PARAMETER
0.5
-
61.44
-
1.0
18.0
MAX.
-
1.0
58.5
1.0
-
-
TYP.
-
-
55.58
-
-
5.0
MIN.
V
NGND
NGND Output Voltage
%/V
Output Current Change versus VCC
mA
ILED
LED Driver Output Current ( VLED=1.0V )
V
Vdr
LED Output Dropout Voltage
mA
ICC
Supply Current
V
VCC
High Supply Voltage
UNIT
SYMBOL
DC CHARATERISTICS
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
Note2. derate 4.0mW/℃ above +25℃. This is recommended to operate under this power dissipation specification.
Note3. Measured on JESD51-7, 4-layer PCB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com