Electronic Components Datasheet Search
  English  ▼

X  

MAGIC6 Datasheet(PDF) 7 Page - ADTech

Part # MAGIC6
Description  specifically designed for LED lighting and decorative LED lighting applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADTECH [ADTech]
Direct Link  
Logo ADTECH - ADTech

MAGIC6 Datasheet(HTML) 7 Page - ADTech

Back Button MAGIC6 Datasheet HTML 2Page - ADTech MAGIC6 Datasheet HTML 3Page - ADTech MAGIC6 Datasheet HTML 4Page - ADTech MAGIC6 Datasheet HTML 5Page - ADTech MAGIC6 Datasheet HTML 6Page - ADTech MAGIC6 Datasheet HTML 7Page - ADTech MAGIC6 Datasheet HTML 8Page - ADTech MAGIC6 Datasheet HTML 9Page - ADTech MAGIC6 Datasheet HTML 10Page - ADTech  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/10
* This specifications are subject to be changed without notice
http://www.ad-tech.co.kr
MAGIC6
July. 29. 2011 / Rev. 0.1
50
52
54
56
58
60
62
64
66
68
70
-40
-30
-20
-10
0
1020304050
60708090
Temp [deg]
OUTPUT CURRENT vs. TEMPERATURE ( REXT = 41.2KΩ )



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com