Electronic Components Datasheet Search
  English  ▼

X  

MSL2161 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # MSL2161
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2161 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button MSL2161 Datasheet HTML 19Page - ATMEL Corporation MSL2161 Datasheet HTML 20Page - ATMEL Corporation MSL2161 Datasheet HTML 21Page - ATMEL Corporation MSL2161 Datasheet HTML 22Page - ATMEL Corporation MSL2161 Datasheet HTML 23Page - ATMEL Corporation MSL2161 Datasheet HTML 24Page - ATMEL Corporation MSL2161 Datasheet HTML 25Page - ATMEL Corporation MSL2161 Datasheet HTML 26Page - ATMEL Corporation MSL2161 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
Atmel LED Drivers-MSL2160/MSL2161
ADDRESS AND
REGISTER NAME
FUNCTION
REGISTER DATA
D7
D6
D5
D4
D3
D2
D1
D0
0x25
GSCMAX
Max oscillator
cycles
between
GSC pulses
GSCMAX[7:0]
0x26
GSCMAX[15:8]
0x27
PHICTRL
PHI
processing
control
PHICHK-
SEL
-
-
-
-
PHIMAXEN
PHIPOL
PHIINTEN
0x28
PHICNTR
Internal clock
counter for
PHI
PHICNTR[7:0]
0x29
PHICNTR[15:8]
0x2A
PHIMUL
PHI multiplier
-
-
-
PHIMUL[4:0]
0x2B
PHIMAX
Max GSC
cycles
between PHI
pulses
PHIMAX[7:0]
0x2C
PHIMAX[15:8]
0x2D
PWMCTRL0
PWM control
GINT+1EN GINTEN
ALTEN
OVRFLOZEN
OVRFLOEN
PWM-
GLBLEN
PWMDIRECT
PWMEN
0x2E
PWMCTRL1
-
-
-
-
EXTALTEN
PHOVR-
FLOZEN
PHOVR-
FLOEN
PHADLYEN
0x2F
GINT
Global PWM
scaling
GINT[7:0]
0x30
ALTGINT
Alternate
global PWM
scaling
ALTGINT[7:0]
0x31
ISTR
8-bit global
string current
scaling
ISTR[7:0]
0x32 PWMSTATUS*
PWM and
counter
status
PHIMAXERRCNT[2:0]
PHIMAX1FLT
PHISIGFLT
GSCSIGFLT PHICNTRFLT
GINT-
MULERR
0x33
PHIPCNTR*
PHI pulse
counter and
status
PHICNTR-
MAX
-
-
PHIPCNTR[4:0]
0x34
GSCPCNTR*
GSC pulse
counter
GSCPULSECNTR[7:0]
0x35
-
-
-
GSCPULSECNTR[12:8]
0x36 - 0x3F
UNUSED
0x40
STR0SET
Phase delay
and EO
assignment
for string 0
PHDLY0[7:0]
0x41
FBOSET0[1:0]
-
-
PHDLY[11:8]
↓
↓
↓
↓
0x5E
STR15SET
Phase delay
and EO
assignment
for string 15
PHDLY15[7:0]
0x5F
FBOSET15[1:0]
-
-
PHDLY[11:8]
0x60
PWM0
PWM setting
for string 0
PWM0[7:0]
0x61
-
-
-
-
PWM0[11:8]
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com