Electronic Components Datasheet Search
  English  ▼

X  

MSL2161 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MSL2161
Description  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2161 Datasheet(HTML) 3 Page - ATMEL Corporation

  MSL2161 Datasheet HTML 1Page - ATMEL Corporation MSL2161 Datasheet HTML 2Page - ATMEL Corporation MSL2161 Datasheet HTML 3Page - ATMEL Corporation MSL2161 Datasheet HTML 4Page - ATMEL Corporation MSL2161 Datasheet HTML 5Page - ATMEL Corporation MSL2161 Datasheet HTML 6Page - ATMEL Corporation MSL2161 Datasheet HTML 7Page - ATMEL Corporation MSL2161 Datasheet HTML 8Page - ATMEL Corporation MSL2161 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Atmel LED Drivers-MSL2160/MSL2161
Key Features
• 12-bit PWM String Dimming
• Fast Serial Interfaces Support up to 8 Devices
per Bus:
- MSL2161 - 1MHz I2C
- MSL2160 - 20MHz SPI
• 8-bit Adaptive Power Correction Maximizes
Efficiency of up to Three String Power Supplies
• External MOSFETs for High Voltage and/or Current
• Drives up to 16 Parallel LED Strings per Device
• Supports Adaptive, Real-time Area Dimming for
Highest Dynamic Range in LCD TVs and Monitors
• Programmable String Phase Reduces Motion
Blur and Improves Efficiency
• Global Intensity Control via Serial Interface
• ±1.5% Current Accuracy and Current Balance
• Flexible Video Frame (VSYNC) and Line (HSYNC)
Sync Include Frequency Multipliers and Dividers
• Second Set of PWM Registers Select Alternate
Brightness and Timing with Single Control
• EEPROM Saves Power-on Default Settings
• LED Open Circuit and Short Circuit Fault Detection
• Individual Fault Detection Enable for Each String
• Over-temperature Shut-off Protection
• Broadcast Write Simplifies Configuration
• -40°C To +105°C Operating Temperature Range
Application Circuit
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com