Electronic Components Datasheet Search
  English  ▼

X  

RACD30 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD30
Description  AC/DC-Converter with 5 year Warranty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD30 Datasheet(HTML) 1 Page - Recom International Power

  RACD30 Datasheet HTML 1Page - Recom International Power RACD30 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LIGHTLINE
AC/DC-Converter
with 5 year Warranty
REV:0/2011
24
www.recom-electronic.com
Please Read Application Notes
RACD30
30 Watt PFC
Single
Output
● 30W Class II AC-DC LED Power Supply
● 500mA or 700mA Constant Current
● Drives 3 - 15 High brightness LEDs
● Universal AC Input
● Active Power Factor Correction >0.95
● Fused Input, Protected Output
● 3kVAC Isolation
● UL-8750 Certified
● Output Connector to avoid miswiring
● Low Cost
● Long 5 Year Warranty
Features
LED
DRIVER
Selection Guide
Part
Input Voltage
Input Current
Output
Output
Max
Number
Range
at full load
Voltage Range Current
#
(VAC)
(mA)
(VDC)
(mA)
LEDs
RACD30-500
universal
390
10-56
500
15 x 2W
RACD30-700
universal
390
10-43
700
12 x 3W, 12+12 x 1W
Input Voltage Range
Standard
90-264VAC
Rated Power
30 Watts max.
Input Frequency Range
47-63 Hz
Power Factor
Full Load, 115VAC/230VAC
0.9
Open Circuit Voltage
350mA Version
58VDC
(Zener Clamp)
700mA Version
48VDC
Inrush Current (<2mS)
115VAC/230VAC
10A max.
Input Current
230VAC, Full Load
390mA typ.
Leakage Current
115VAC/240VAC - 60/50Hz
0.5mA typ.
Input Fuse
Standard
T1A
Output Current Accuracy
(combined Tolerance, load Regulation and Line Regulation)
±10%
Minimum Load
Open Circuit Protected
3 LEDs
Output Ripple
150mA max.
Hold Up Time
18ms min.
Operating Frequency
40 - 100 kHz typ.
Efficiency at Full Load
85%
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
120% typ.
Short Circuit Protection
Continuous Current Limit
Output Overvoltage Protection
500mA Version
56V Zener Diode Clamp
700mA Version
43V Zener Diode Clamp
continued on next page
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact 30W constant current switching power module suitable for driving up to 15 high power LEDs (Vf = 3.6V).
The output current is fixed at 500mA or 700mA. Active power factor correction is standard.
This series features both screw terminal and socket output connections. The socket connecter avoids the possibility of
miswiring and damaging the LED load if the LEDs are preassembled into a wiring harness or lamp fitting.
UL-8750 Certified
EN 61347 Certified
E340696
RoHS
2002/95/EC
6/6


Similar Part No. - RACD30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD30-500 RECOM-RACD30-500 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
RACD30-700 RECOM-RACD30-700 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
RACD30 RECOM-RACD30_13 Datasheet
96Kb / 2P
30W Class II AC-DC LED Power Supply
More results

Similar Description - RACD30

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12-350_1103 RECOM-RACD12-350_1103 Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACD20-D RECOM-RACD20-D Datasheet
90Kb / 2P
AC/DC-Converter with 5 year Warranty
RPR20-243.3S RECOM-RPR20-243.3S Datasheet
195Kb / 6P
Railway-Converter with 3 year Warranty
RAC04 RECOM-RAC04 Datasheet
571Kb / 3P
AC/DC-Converter with 3 year Warranty
logo
List of Unclassifed Man...
ZUW1R51215 ETC2-ZUW1R51215 Datasheet
138Kb / 3P
5 year warranty(refer to Instruction Manual)
logo
Recom International Pow...
RACD25-500P RECOM-RACD25-500P Datasheet
93Kb / 2P
AC/DC-Converter with 5 year Warranty
RACM40 RECOM-RACM40 Datasheet
585Kb / 6P
Long 5 Year Warranty
RACM100 RECOM-RACM100 Datasheet
575Kb / 5P
Long 5 Year Warranty
logo
Artesyn Technologies
AYA ARTESYN-AYA Datasheet
454Kb / 3P
Three year product warranty
logo
ETA-USA
ZMP-SX-F-W-D ETA-USA-ZMP-SX-F-W-D Datasheet
2Mb / 5P
500W 2 year warranty
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com