Electronic Components Datasheet Search
  English  ▼

X  

RACD30 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD30
Description  AC/DC-Converter with 5 year Warranty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD30 Datasheet(HTML) 2 Page - Recom International Power

  RACD30 Datasheet HTML 1Page - Recom International Power RACD30 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
25
REV:0/2011
160.0
152
50.0
42
5.5mm socket
Cable entry
with strain relief
15.5
22.5
3.5mm dia.
27
86
Tc
RACD30
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Connections
CN1
Function
L
VAC in (L)
N
VAC in (N)
CN2
Function
+
LED+
-
LED-
5.5mm Socket
Function
Pin
LED+
Shell
LED-
Tolerance
XX =+/-1mm
XX.X =+/-0.5mm
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +50°C
(free air convection)
Case Temp.
85°C max. (500mA version: 90°C max.)
Weight
169g
Packing Quantity
1pc
Storage Temperature Range
-40°C to +100°C
Humidity
95% RH max.
IP Rating
IP20, Indoor Use Only
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Designed to meet Standards
Electrical Lighting, EMC Emissions
EN55015:2006 + A1: 2007 + A2:2009
Limits for Harmonics Emissions
EN 61000-3-2:2006
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3:2006
Electrical Lighting: EMC Immunity
EN 61547:1995 + A1:2000
Class II Power Supply Safety
UL1310
FCC
FCC18A
THD
<20%
Certifications
LED Lighting Safety
UL8750
SEMKO CE Certification, General Safety
EN 61347-1: 2008
SEMKO CE Certification, Safety of AC supplied Control Gear for LED Modules
EN 61347-2-13: 2006
Design Lifetime
25°C ambient
>70 x 10³ hours in operation
Connections
AC Input
Screw terminal
LED Output
Screw Terminal
LED Output
5.5mm Socket with 2mm Pin (Suitable matching plug Switchcraft S760 or similar)*
* Do not connect or disconnect the LED load while the converter is on. This may damage the LED or reduce its life.
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
Tc=Case Temperature Measuring Point
3rd angle
projection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com