Electronic Components Datasheet Search
  English  ▼

X  

MBRX02560 Datasheet(PDF) 2 Page - Micro Commercial Components

Part # MBRX02560
Description  0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX02560 Datasheet(HTML) 2 Page - Micro Commercial Components

  MBRX02560 Datasheet HTML 1Page - Micro Commercial Components MBRX02560 Datasheet HTML 2Page - Micro Commercial Components MBRX02560 Datasheet HTML 3Page - Micro Commercial Components MBRX02560 Datasheet HTML 4Page - Micro Commercial Components MBRX02560 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.113
2.30
2.88
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.049
0.80
1.24
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
Features
Extremely Low Thermal Resistance
Reverse Energy Tested
and High Current Capability
Guard Ring Protection
Maximum Ratings
Operating Temperature: -55
oC to +150oC
Storage Temperature: -55
oC to +150oC
Maximum Thermal Resistance: 65
oC/W Junction to Lead
MBRX02520
20V
14V
20V
MBRX02530
30V
21V
30V
MBRX02540
40V
28V
40V
MBRX02550
50V
35V
50V
MBRX02560
60V
42V
60V
Maximum
DC
Blocking
Voltage
MCC Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Average Forward
Current
IF(AV)
0.25A
TJ=115
oC
Peak Forward Surge
Current
IFSM
5A
8.3ms half sine
Maximum
Instantaneous
Forward Voltage
MBRX02520
MBRX02530-40
MBRX02550-60
VF
0.45V
0.55V
0.70V
IFM=0.25A
TJ=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
IR
0.5mA
20mA
TA=25
oC
TA=100
oC
Typical Junction
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=4.0V
MBRX02520
THRU
MBRX02560
0.25 Amp
Schottky Barrier
Rectifier
20 to 60 Volts
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD323
www.mccsemi.com
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
Case Material: Molded Plastic.
UL Flammability
Classification Rating 94V-0
and MSL Rating 1
A
B
C
D
E
1 of 4
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Revision:
10
2008/0
8/01



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com