Electronic Components Datasheet Search
  English  ▼

X  

MBRX02560 Datasheet(PDF) 4 Page - Micro Commercial Components

Part # MBRX02560
Description  0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MBRX02560 Datasheet(HTML) 4 Page - Micro Commercial Components

  MBRX02560 Datasheet HTML 1Page - Micro Commercial Components MBRX02560 Datasheet HTML 2Page - Micro Commercial Components MBRX02560 Datasheet HTML 3Page - Micro Commercial Components MBRX02560 Datasheet HTML 4Page - Micro Commercial Components MBRX02560 Datasheet HTML 5Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MBRX02520 thru MBRX02560
MCC
www.mccsemi.com
TM
Micro Commercial Components
3 of 4
Revision: 10
2008/08/01
Ambient Temperature -
°C
Figure 5
Forward Derating Curve
0
175
50
75
100
125
0
.
1
.
2
.
3
Single Phase, Half Wave
60Hz Resistive or Inductive Load
Amps
°C
150
.
4
.5
.6
1
100
4
0
2
4
6
8
Figure 6
Peak Forward Surge Current
Peak Forward Surge Current - Amperes
versus
Number Of Cycles At 60Hz - Cycles
Amps
Cycles
2
10
20
60 80
40
8
10
12



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com