Electronic Components Datasheet Search
  English  ▼

X  

818012322 Datasheet(PDF) 23 Page - Magnetrol International, Inc.

Part # 818012322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

818012322 Datasheet(HTML) 23 Page - Magnetrol International, Inc.

Back Button 818012322 Datasheet HTML 19Page - Magnetrol International, Inc. 818012322 Datasheet HTML 20Page - Magnetrol International, Inc. 818012322 Datasheet HTML 21Page - Magnetrol International, Inc. 818012322 Datasheet HTML 22Page - Magnetrol International, Inc. 818012322 Datasheet HTML 23Page - Magnetrol International, Inc. 818012322 Datasheet HTML 24Page - Magnetrol International, Inc. 818012322 Datasheet HTML 25Page - Magnetrol International, Inc. 818012322 Datasheet HTML 26Page - Magnetrol International, Inc. 818012322 Datasheet HTML 27Page - Magnetrol International, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
20
Figure 12
Remote Mount with Flexible Probe
(shown with aluminum sand cast housing)
.50 (13)
.625 (16)
Optional
Mounting
Flange
2.75
(70)
3/4" NPT
3.23
(82)
3.00
(76)
4.63
(118) Dia.
2
I.L.
Figure 13
Remote Mount with Standard Rigid Probe
(Shown with carbon steel
or Lexan housing)
Optional
Mounting
Flange
2.75
(70)
4.67
(119)
3.00
(76)
4.63
(118) Dia.
2.95
(75)
2
3/4" NPT
Optional Anchor
Assembly
4.87
(124)
1.32
(34)
5.00
(127)
.75
(19)
Optional
Weight
.1875 (5)
.2500 (6)
NOTES:
Œ Allow 8" (203 mm) overhead clearance for cover removal.
 Standard process connection is 3⁄
4
" NPT. Consult probe brochure (50-125) for flange and other probe connections.
Ž Probe/amplifier connecting cable should be shielded twisted pair 22 gauge stranded conductors.
Outline Dimensions
Housing
A
B
Standard Rigid Probe
Flexible Probe
Conduit Connection
C
D
E
F
C
D
E
F
G
NEMA 4X
Carbon steel
3.25
(82)
4.69
(119)
9.04
(230)
2.29
(58)
11.67
(296)
4.04
(103)
10.48
(266)
3.73
(95)
11.67
(296)
4.04
(103)
3
⁄4" NPT
single conduit
NEMA 4X/7/9
Sand cast aluminum
3.44
(87)
5.81
(148)
11.26
(286)
2.40
(61)
13.81
(351)
4.15
(105)
12.70
(323)
4.67
(119)
13.81
(3.51)
4.15
(105)
3
⁄4" NPT
dual conduit
3.3
Specifications
3.3.3 Dimensional Specifications – Remote Mounts
Inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com