Electronic Components Datasheet Search
  English  ▼

X  

818012322 Datasheet(PDF) 25 Page - Magnetrol International, Inc.

Part # 818012322
Description  RF Point Level Switches
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

818012322 Datasheet(HTML) 25 Page - Magnetrol International, Inc.

Back Button 818012322 Datasheet HTML 20Page - Magnetrol International, Inc. 818012322 Datasheet HTML 21Page - Magnetrol International, Inc. 818012322 Datasheet HTML 22Page - Magnetrol International, Inc. 818012322 Datasheet HTML 23Page - Magnetrol International, Inc. 818012322 Datasheet HTML 24Page - Magnetrol International, Inc. 818012322 Datasheet HTML 25Page - Magnetrol International, Inc. 818012322 Datasheet HTML 26Page - Magnetrol International, Inc. 818012322 Datasheet HTML 27Page - Magnetrol International, Inc. 818012322 Datasheet HTML 28Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
50-605 Kotron RF Point Model 80/81 Level Switches
22
8
Amplifier P.C. Board
Preamplifier P.C. Board
O-Ring
Twisted Shielded Pair Conductor
Remote Mount
Probe Housing
Remote Electronics
Mounting Bracket
6
2
3
1
7
4
5
Housing Cover
Housing Base
Figure 15
3.5
Replacement Parts
No.
Description
120 VAC
240 VAC
24 VDC
Integral or Remote
Integral or Remote
Integral or Remote
1
Amplifier
PC board
Single point narrow differential
Z30-2124-001
Z30-2124-002
Z30-2127-001
Single point wide differential
Z30-2123-001
Z30-2123-002
Z30-2128-001
2
Preamplifier
PC board, single point
30-2082-001
4
Housing cover
NEMA 4X carbon steel
89-6510-003
NEMA 4X/7/9 aluminum
89-6554-001
5
O-ring
NEMA 4X for carbon steel cover
12-1318-001
NEMA 4X/7/9 for aluminum cover
12-2101-345
6
Housing base
NEMA 4X carbon steel,
3
⁄4" NPT single conduit
04-9160-002
NEMA 4X/7/9 aluminum,
3
⁄4" NPT dual conduit
04-9182-002
7
Remote mount probe housing
89-6585-001
8
Remote electronics
1⁄2" NPT
mounting bracket
3⁄4" NPT
36-3805-001
36-3805-003
9
Twisted shielded pair conductor
09-7146-001 (Specify length in feet)
NOTE: You must recalibrate after changing the preamplifier board.
IMPORTANT: When ordering parts, please specify the serial number of the existing control and the description and part number
of the replacement part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com