Electronic Components Datasheet Search
  English  ▼

X  

DRV201 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201 Datasheet(HTML) 2 Page - Texas Instruments

  DRV201 Datasheet HTML 1Page - Texas Instruments DRV201 Datasheet HTML 2Page - Texas Instruments DRV201 Datasheet HTML 3Page - Texas Instruments DRV201 Datasheet HTML 4Page - Texas Instruments DRV201 Datasheet HTML 5Page - Texas Instruments DRV201 Datasheet HTML 6Page - Texas Instruments DRV201 Datasheet HTML 7Page - Texas Instruments DRV201 Datasheet HTML 8Page - Texas Instruments DRV201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
I
SOURCE
VBAT
GND
C
B
A
2
1
NanoFree PACKAGE
(BOTTOM VIEW)
I
SINK
SCL
SDA
DRV201
SLVSB25
– AUGUST 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
-40
°C to 85°C
YFM
DRV201YFMR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VBAT
2A
Power
GND
1A
Ground
I_SOURCE
2B
Voice coil positive terminal
I_SINK
1B
Voice coil negative terminal
SCL
2C
I
I2C serial interface clock input
SDA
1C
I/O
I2C serial interface data input/output (open drain)
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com