Electronic Components Datasheet Search
  English  ▼

X  

DRV201 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV201
Description  VOICE COIL MOTOR DRIVER FOR CAMERA AUTO FOCUS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV201 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV201 Datasheet HTML 2Page - Texas Instruments DRV201 Datasheet HTML 3Page - Texas Instruments DRV201 Datasheet HTML 4Page - Texas Instruments DRV201 Datasheet HTML 5Page - Texas Instruments DRV201 Datasheet HTML 6Page - Texas Instruments DRV201 Datasheet HTML 7Page - Texas Instruments DRV201 Datasheet HTML 8Page - Texas Instruments DRV201 Datasheet HTML 9Page - Texas Instruments DRV201 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
DRV201
SLVSB25
– AUGUST 2011
www.ti.com
MODES OF OPERATION
SHUTDOWN
If the driver detects SCL has a DC level below 0.63 V for duration of at least 0.5 ms, the
driver will enter shutdown mode. This is the lowest power mode of operation. The driver will
remain in shutdown for as long as SCL pin remain low.
STANDBY
If SCL goes from low to high the driver enters STANDBY mode and sets the default register
values. In this mode registers can be written to through the I2C interface. Device will be in
STANDBY mode when VCM_CURRENT register is set to zero. From ACTIVE mode the
device will enter STANDBY if the SW_RST bit of the CONTROL register is set. In this case
all registers will be reset to default values.
STANDBY mode is entered from ACTIVE mode if any of the following faults occur: Over
temperature protection fault (OTPF), VCM short (VCMS), or VCM open (VCMO). When
STANDBY mode is entered due to a fault condition current register is cleared.
ACTIVE
The device is in ACTIVE mode whenever the VCM_CURRENT control is set to something
else than zero through the I2C interface. In ACTIVE mode VCM driver output stage is
enabled all the time resulting in higher power consumption. The device remains in active
mode until the SW_RST bit in the CONTROL register is set, SCL is pulled low for duration of
0.5 ms, VCM_CURRENT control is set to zero, or any of the following faults occur: Over
temperature protection fault (OTPF), VCM short (VCMS), or VCM open (VCMO). If active
mode is entered after fault the status register is automatically cleared.
6
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com