Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835IDBVT Datasheet(HTML) 31 Page - Texas Instruments

Back Button OPA835IDBVT Datasheet HTML 27Page - Texas Instruments OPA835IDBVT Datasheet HTML 28Page - Texas Instruments OPA835IDBVT Datasheet HTML 29Page - Texas Instruments OPA835IDBVT Datasheet HTML 30Page - Texas Instruments OPA835IDBVT Datasheet HTML 31Page - Texas Instruments OPA835IDBVT Datasheet HTML 32Page - Texas Instruments OPA835IDBVT Datasheet HTML 33Page - Texas Instruments OPA835IDBVT Datasheet HTML 34Page - Texas Instruments OPA835IDBVT Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
OPA 835
VOUT
Signal and bias to
next stage
Signal and bias
from previous stage
C
R1
RO
RF
RG
VSIG
GVSIG
5 V
5 V
2.5 V
REF
2.5 V
2.5 V
OPA 835
Signal and bias to
next stage
Signal and bias
from previous stage
C
5 V
2.5 V
R1
R2
5 V
RO
VOUT
RG
RF
VSIG
GVSIG
2.5 V
OPA835
OPA2835
www.ti.com
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
Figure 65. Inverting Single Supply with Reference
Figure 66 shows a similar inverting single supply scenario with the reference generator replaced by the Thevenin
equivalent using resistors and the positive supply. R1 and R2 form a resistor divider from the 5V supply and are
used to bias the positive side. To cancel the voltage offset that would otherwise be caused by the input bias
currents, set the parallel sum of R1 and R2 equal to the parallel sum of RF and RG. C should be added to limit
coupling of noise into the positive input. For example if gain of
–2 is required and RF = 2 kΩ, select RG = 1 kΩ to
set the gain. R1 = R2 = 1.33 kΩ for mid supply voltage bias and for op amp input bias current cancellation. A
good value for C is 0.1
µF. This can be lower cost, but note the extra current draw required in the resistor divider.
Figure 66. Inverting Single Supply with Resistors
Pulse Application with Single-Supply
For pulsed applications, where the signal is at ground and pulses to some positive or negative voltage, the circuit
bias voltage considerations are different than with a signal that swings symmetrical about a reference point and
the circuit configuration should be adjusted accordingly. Figure 67 shows a pulsed situation where the signal is at
ground (0 V) and pulses to a positive value.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Link(s): OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com