Electronic Components Datasheet Search
  English  ▼

X  

OPA835IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # OPA835IDBVT
Description  Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA835IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA835IDBVT Datasheet HTML 9Page - Texas Instruments OPA835IDBVT Datasheet HTML 10Page - Texas Instruments OPA835IDBVT Datasheet HTML 11Page - Texas Instruments OPA835IDBVT Datasheet HTML 12Page - Texas Instruments OPA835IDBVT Datasheet HTML 13Page - Texas Instruments OPA835IDBVT Datasheet HTML 14Page - Texas Instruments OPA835IDBVT Datasheet HTML 15Page - Texas Instruments OPA835IDBVT Datasheet HTML 16Page - Texas Instruments OPA835IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
-90
-85
-80
-75
-70
-65
-60
-55
-50
100
1k
10k
R
- Load Resistance -
LOAD
W
HD3
HD2
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
V
= 1 Vpp
S
F
OUT
W
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
10k
100k
1M
10M
f - Frequency - Hz
V = 2.7 V,
G = 1,
V
= 1 Vpp,
R = 0
,
R = 2 k
S
OUT
F
L
W
W
HD3
HD2
1
2
3
4
5
6
7
8
9
10
Gain - V/V
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
HD3
HD2
V = 2.7 V,
G = 1,
f = 1 MHz,
V
= 1 Vpp,
R = 2 k
S
OUT
L
W
-90
-80
-70
-60
-50
-40
-30
HD
3
HD
2
V = 2.7 V,
G = 1,
f = 1 MHz,
R = 0
,
R = 2 k
S
F
L
W
W
0
1
2
V - Output Voltage - Vpp
O
0.001
0.01
0.1
1
0.1
10
100
1
I - Load Current - mA
L
V
= Low
OUT
V
= High
OUT
V = 2.7 V,
G = 5,
R = 2 k
S
F
W
0
0.5
1
1.5
2
2.5
3
10
100
1k
10k
R - Load Resistance -
L
W
V
= Low
OUT
V
= High
OUT
V = 2.7 V,
G = 5,
R = 2 k
S
F
W
OPA835
OPA2835
www.ti.com
SLOS713D
– JANUARY 2011 – REVISED OCTOBER 2011
TYPICAL PERFORMANCE GRAPHS: VS = 2.7 V (continued)
Figure 7. Harmonic Distortion vs Frequency
Figure 8. Harmonic Distortion vs Load Resistance
Figure 9. Harmonic Distortion vs Output Voltage
Figure 10. Harmonic Distortion vs Gain
Figure 11. Output Voltage Swing vs Load Resistance
Figure 12. Output Saturation Voltage vs Load Current
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): OPA835 OPA2835



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com