Electronic Components Datasheet Search
  English  ▼

X  

ADS7945 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7945
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7945 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADS7945 Datasheet HTML 17Page - Texas Instruments ADS7945 Datasheet HTML 18Page - Texas Instruments ADS7945 Datasheet HTML 19Page - Texas Instruments ADS7945 Datasheet HTML 20Page - Texas Instruments ADS7945 Datasheet HTML 21Page - Texas Instruments ADS7945 Datasheet HTML 22Page - Texas Instruments ADS7945 Datasheet HTML 23Page - Texas Instruments ADS7945 Datasheet HTML 24Page - Texas Instruments ADS7945 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
80
82
84
86
88
90
92
94
96
98
100
2.7
3.2
3.7
4.2
4.7
5.2
5.7
AVDD, Analog Supply Voltage (V)
fIN = 20 kHz
G063
80
82
84
86
88
90
92
94
96
98
100
2.5
3
3.5
4
4.5
5
5.5
Reference Voltage (V)
AVDD = 5.25 V
fIN = 20 kHz
G065
80
82
84
86
88
90
92
94
96
98
100
−40 −25 −10
5
20
35
50
65
80
95
110 125
Free-Air Temperature (°C)
AVDD = 3 V
fIN = 20 kHz
G064
80
82
84
86
88
90
92
94
96
98
100
0
20
40
60
80
100
fIN, Input Frequency (kHz)
AVDD = 3 V
G066
−140
−120
−100
−80
−60
−40
−20
0
20
40
60
80
100
Memory Crosstalk
Isolation Crosstalk
fIN, Input Frequency (kHz)
G071
2
2.5
3
3.5
4
4.5
5
2.7
3.2
3.7
4.2
4.7
5.2
5.7
AVDD, Analog Supply Voltage (V)
G038
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS: ADS7946 (continued)
At TA = +25°C, AVDD = 5 V, DVDD = 1.8 V, VREF = 2.5 V, and fSAMPLE = 2 MSPS, unless otherwise noted.
SFDR vs ANALOG SUPPLY VOLTAGE
SFDR vs REFERENCE VOLTAGE
Figure 62.
Figure 63.
SFDR vs FREE-AIR TEMPERATURE
SFDR vs INPUT FREQUENCY
Figure 64.
Figure 65.
ANALOG SUPPLY CURRENT (Dynamic)
CROSSTALK vs INPUT FREQUENCY
vs ANALOG SUPPLY VOLTAGE
Figure 66.
Figure 67.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): ADS7945 ADS7946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com