Electronic Components Datasheet Search
  English  ▼

X  

ADS7945 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7945
Description  14-Bit, 2 MSPS, Dual-Channel, Differential/Single-Ended, Ultralow-Power Analog-to-Digital Converters
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7945 Datasheet(HTML) 39 Page - Texas Instruments

Back Button ADS7945 Datasheet HTML 35Page - Texas Instruments ADS7945 Datasheet HTML 36Page - Texas Instruments ADS7945 Datasheet HTML 37Page - Texas Instruments ADS7945 Datasheet HTML 38Page - Texas Instruments ADS7945 Datasheet HTML 39Page - Texas Instruments ADS7945 Datasheet HTML 40Page - Texas Instruments ADS7945 Datasheet HTML 41Page - Texas Instruments ADS7945 Datasheet HTML 42Page - Texas Instruments ADS7945 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
DVDD
SCLK
SDO
CS
4
3
2
1
5
6
7
8
9
10
11
12
16
15
14
13
AIN0P
AIN1P
AIN0N
AIN1N
470pF
C
2
470pF
C
1
5 W
1 F
m
C
3
Common Analog/
DigitalGroundPlane
Reference
Input
Analog
Supply
1 F
m
C
4
47 W
R
1
0.1 F
m
C
5
1 F
m
C
6
Digital
Supply
ADS7945
U0
5 W
5 W
5 W
ADS7945
ADS7946
www.ti.com
SBAS539B
– JUNE 2011 – REVISED SEPTEMBER 2011
PCB LAYOUT/SCHEMATIC GUIDELINES: ADS7945
The ADS7945 is a mixed-signal device. For maximum performance, proper decoupling, grounding, and proper
termination of digital signals are essential. Figure 90 shows the essential components around the ADC. All
capacitors shown are ceramic. These decoupling capacitors must be placed close to the respective signal pins.
There is a 47
Ω source series termination resistor shown on the SDO signal. This resistor must be placed as
close to pin 15 as possible. Series terminations for SCLK and CS must be placed close to the host.
Figure 90. Recommended ADS7945 ADC Schematic
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Link(s): ADS7945 ADS7946



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com