Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3874 Datasheet(HTML) 53 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 49Page - Texas Instruments AM3874 Datasheet HTML 50Page - Texas Instruments AM3874 Datasheet HTML 51Page - Texas Instruments AM3874 Datasheet HTML 52Page - Texas Instruments AM3874 Datasheet HTML 53Page - Texas Instruments AM3874 Datasheet HTML 54Page - Texas Instruments AM3874 Datasheet HTML 55Page - Texas Instruments AM3874 Datasheet HTML 56Page - Texas Instruments AM3874 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VOUT[1]_R_CR[8]/
VOUT[1],
EMAC[1]_MTXD[7]/
VIN[1]A,
VIN[1]A_D[19]/
W23
UART5, GP3
UART5_RXD/
PINCNTL226
GP3[18]
DSIS: N/A
VOUT[1]_R_CR[7]/
VOUT[1],
EMAC[1]_MTXD[6]/
VIN[1]A, SPI[3],
VIN[1]A_D[18]/
V22
GP3
SPI[3]_D[0]/
PINCNTL225
GP3[17]
DSIS: N/A
VOUT[1]_R_CR[6]/
VOUT[1],
EMAC[1]_MTXD[5]/
VIN[1]A, SPI[3],
VIN[1]A_D[17]/
AA25
GP3
SPI[3]_D[1]/
PINCNTL224
GP3[16]
DSIS: N/A
VOUT[1]_R_CR[5]/
VOUT[1],
EMAC[1]_MTXD[4]/
VIN[1]A, SPI[3],
[G]MII Transmit Data [7:0]. For 1000 EMAC GMII
VIN[1]A_D[16]/
AC26
GP3
IPD
operation, EMAC[0]_TXD[7:0] are used. For 10/100
SPI[3]_SCLK/
PINCNTL223
O
DVDD
EMAC MII operation, only EMAC[0]_TXD[3:0] are
GP3[15]
DSIS: N/A
used.
VOUT[1]_R_CR[4]/
VOUT[1],
EMAC]1]_MTXD[3]/
VIN[1]A, SPI[3],
VIN]1]A_D[15]/
AG27
GP3
SPI[3]_SCS[1]/
PINCNTL222
GP3[14]
DSIS: N/A
VOUT[1]_G_Y_YC[9]/
VOUT[1],
EMAC[1]_MTXD[2]/
VIN[1]A, GP3
AD26
VIN[1]A_D[14]/
PINCNTL221
GP3[13]
DSIS: N/A
VOUT[1]_G_Y_YC[8]/
VOUT[1],
EMAC[1]_MTXD[1]/
VIN[1]A, GP3
AE26
VIN[1]A_D[13]/
PINCNTL220
GP3[12]
DSIS: N/A
VOUT[1]_G_Y_YC[7]/
VOUT[1],
EMAC[1]_MTXD[0]/
VIN[1]A, GP3
AF26
VIN[1]A_D[12]/
PINCNTL219
GP3[11]
DSIS: N/A
VOUT[1]_R_CR[9]/
VOUT[1],
EMAC[1]_MTXEN/
VIN[1]A,
IPD
VIN[1]A_D[20]/
Y24
O
UART5, GP3
[G]MII Transmit Data Enable output
DVDD
UART5_TXD/
PINCNTL227
GP3[19]
DSIS: N/A
EMAC[1] RMII Mode
TBD
These pin functions are available only when RMII mode is selected.
EMAC_RMREFCLK/
TIMER2, GP1
IPD
RMII Reference Clock (EMAC[0] and EMAC[1] RMII
TIM2_IO/
J27
I/O
PINCNTL232
DVDD_GPMC
mode)
GP1[10]
DSIS: PIN
VIN[0]A,
VIN[0]A_D[20]/
CAMERA_I/F,
CAM_D[12]/
IPD
SPI[3], GP0
EMAC[1]_RMCRSDV/
AC17
I
DVDD_C
PINCNTL160
SPI[3]_SCS[0]/
DSIS: 0
GP0[14]
MM: MUX1
RMII Carrier Sense input
EMAC[0],
EMAC[0]_MTXD[5]/
EMAC[1],
EMAC[1]_RGTXC/
IPD
GPMC, UART1
EMAC[1]_RMCRSDV/
F27
I
DVDD_GPMC
PINCNTL255
GPMC_A[12]/
DSIS: 0
UART1_RXD
MM: MUX0
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
53
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com