Electronic Components Datasheet Search
  English  ▼

X  

AM3874 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AM3874
Description  AM387x Sitara ARM Microprocessors (MPUs)
PDF  345 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3874 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AM3874 Datasheet HTML 51Page - Texas Instruments AM3874 Datasheet HTML 52Page - Texas Instruments AM3874 Datasheet HTML 53Page - Texas Instruments AM3874 Datasheet HTML 54Page - Texas Instruments AM3874 Datasheet HTML 55Page - Texas Instruments AM3874 Datasheet HTML 56Page - Texas Instruments AM3874 Datasheet HTML 57Page - Texas Instruments AM3874 Datasheet HTML 58Page - Texas Instruments AM3874 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 345 page
background image
AM3874, AM3872, AM3871
www.ti.com
SPRS695
– SEPTEMBER 2011
Table 3-8. EMAC[1] Terminal Functions [(R)(G)MII] (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
VIN[0]A,
VIN[0]A_D[23]/
CAMERA_I/F,
CAM_D[15]/
IPD
SPI[3], GP0
EMAC[1]_RMTXEN/
AC16
O
DVDD_C
PINCNTL163
SPI[3]_D[0]/
DSIS: N/A
GP0[17]
MM: MUX1
RMII Transmit Data Enable output
EMAC[0],
EMAC[0]_MTXEN/
EMAC[1],
EMAC[1]_RGRXD[2]/
IPD
GPMC, UART1
EMAC[1]_RMTXEN/
J23
O
DVDD_GPMC
PINCNTL258
GPMC_A[15]/
DSIS: N/A
UART1_RTS
MM: MUX0
EMAC[1] RGMII MODE
TBD
These pin functions are available only when RGMII mode is selected.
EMAC[0]_GMTCLK/
EMAC[0],
EMAC[1]_RGRXC/
IPD
GPMC, SPI[2]
K23
I
RGMII Receive Clock
GPMC_A[6]/
DVDD_GPMC
PINCNTL249
SPI[2]_D[1]
DSIS: PIN
EMAC[0]_MRXD[3]/
EMAC[1]_RGRXCTL/
EMAC[0],
GPMC_A[27]/
IPD
GPMC, UART5
J25
I
RGMII Receive Control
GPMC_A[26]/
DVDD_GPMC
PINCNTL243
GPMC_A[0]/
DSIS: PIN
UART5_RXD
EMAC[0]_MTXD[0]/
EMAC[0],
EMAC[1]_RGRXD[3]/
IPD
GPMC, UART4
J24
I
GPMC_A[7]/
DVDD_GPMC
PINCNTL250
SPI[2]_D[0]
DSIS: PIN
EMAC[0]_MTXEN/
EMAC[0],
EMAC[1]_RGRXD[2]/
IPD
GPMC, UART4
EMAC[1]_RMTXEN/
J23
I
DVDD_GPMC
PINCNTL258
GPMC_A[15]/
DSIS: PIN
UART1_RTS
RGMII Receive Data [3:0]
EMAC[0]_MRXDV/
EMAC[0],
EMAC[1]_RGRXD[1]/
IPD
GPMC, SPI[2]
K22
I
GPMC_A[5]/
DVDD_GPMC
PINCNTL248
SPI[2]_SCLK
DSIS: PIN
EMAC[0]_MTXD[6]/
EMAC[0],
EMAC[1]_RGRXD[0]/
IPD
GPMC, UART1
EMAC[1]_RMTXD[0]/
J22
I
DVDD_GPMC
PINCNTL256
GPMC_A[13]/
DSIS: PIN
UART1_TXD
EMAC[0]_MTXD[5]/
EMAC[0],
EMAC[1]_RGTXC/
IPD
GPMC, UART1
EMAC[1]_RMCRSDV/
F27
O
RGMII Transmit Clock
DVDD_GPMC
PINCNTL255
GPMC_A[12]/
DSIS: N/A
UART1_RXD
EMAC[0]_MTXD[2]/
EMAC[0],
EMAC[1]_RGTXCTL/
IPD
GPMC, UART4
EMAC[1]_RMRXD[0]/
H22
O
RGMII Transmit Enable
DVDD_GPMC
PINCNTL252
GPMC_A[9]/
DSIS: N/A
UART4_TXD
Copyright
© 2011, Texas Instruments Incorporated
Device Pins
55
Submit Documentation Feedback
Product Folder Link(s): AM3874 AM3872 AM3871



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com