Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPL0501
Description  256 Taps Single Channel Digital Potentiometer With SPI Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501 Datasheet(HTML) 3 Page - Texas Instruments

  TPL0501 Datasheet HTML 1Page - Texas Instruments TPL0501 Datasheet HTML 2Page - Texas Instruments TPL0501 Datasheet HTML 3Page - Texas Instruments TPL0501 Datasheet HTML 4Page - Texas Instruments TPL0501 Datasheet HTML 5Page - Texas Instruments TPL0501 Datasheet HTML 6Page - Texas Instruments TPL0501 Datasheet HTML 7Page - Texas Instruments TPL0501 Datasheet HTML 8Page - Texas Instruments TPL0501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
PIN FUNCTIONS
PIN
NUMBER
TYPE
DESCRIPTION
NAME
DCN
RSE
1
6
W
I/O
Wiper terminal
2
7
VDD
Power
Positive Supply Voltage
3
4
GND
Ground
Ground
4
5
SCLK
Input
SPI Clock
5
2
DIN
Input
SPI Input
6
3
CS
Input
SPI Chip Select. Active Low
7
8
L
I/O
Low terminal
8
1
H
I/O
High terminal
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD to GND
Supply voltage range
–0.3
7
V
VH, VL, VW
–0.3
VDD+0.3
V
IH
Pulse current
±20
mA
IL
Continuous current
TPL0501-100
±5
mA
IW
VI
Digital input voltage range
–0.3
7
V
RSE package
Package thermal
θJA
°C/W
impedance(4)
DCN package
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(3)
All voltages are with respect to ground, unless otherwise specified.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
ANALOG SPECIFICATIONS
Typical Values are specified at VDD=5V and operating temperature of 25 C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
End-to-end resistance (between Hi
RTOTAL
80
100
120
k
Ω
and Li terminals)
VH, VL
Terminal voltage range
0
VDD
V
RH, RL
Terminal resistance
50
150
Ω
H terminal floating, VL = GND,
RW
Wiper resistance
25
100
Ω
Force IW = (VDD/2)/RTOTAL, Input code = 0x80h
CH, CL
Terminal capacitance
15
f = 1 MHz, measured to GND, Input code = 0x80h
pF
CW
Wiper capacitance
12
VH = GND to VDD, VL = Floating OR
ILKG
Terminal leakage current
0.1
1
uA
VL = GND to VDD, VH = Floating
TCR
Resistance temperature coefficient
35
ppm/
°C
VOLTAGE DIVIDER MODE (VH = VDD, VL = GND, VW = Not Loaded)
INL
Integral non-linearity
–1
1
LSB
DNL
Differential non-linearity
–0.5
0.5
LSB
ZSERROR
Zero-scale error
0
0.5
2
LSB
FSERROR
Full-scale error
–2
–0.5
0
LSB
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :TPL0501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com