Electronic Components Datasheet Search
  English  ▼

X  

TPL0501 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPL0501
Description  256 Taps Single Channel Digital Potentiometer With SPI Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0501 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPL0501 Datasheet HTML 9Page - Texas Instruments TPL0501 Datasheet HTML 10Page - Texas Instruments TPL0501 Datasheet HTML 11Page - Texas Instruments TPL0501 Datasheet HTML 12Page - Texas Instruments TPL0501 Datasheet HTML 13Page - Texas Instruments TPL0501 Datasheet HTML 14Page - Texas Instruments TPL0501 Datasheet HTML 15Page - Texas Instruments TPL0501 Datasheet HTML 16Page - Texas Instruments TPL0501 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TPL0501
www.ti.com
SLIS136A
– SEPTEMBER 2011 – REVISED SEPTEMBER 2011
10 k
Ω
Step
Binary
RHW/RWL
RHW (kΩ)
RWL (kΩ)
225
11100001
87.89
12.11
7.26
226
11100010
88.28
11.72
7.53
227
11100011
88.67
11.33
7.83
228
11100100
89.06
10.94
8.14
229
11100101
89.45
10.55
8.48
230
11100110
89.84
10.16
8.85
231
11100111
90.23
9.77
9.24
232
11101000
90.63
9.38
9.67
233
11101001
91.02
8.98
10.13
234
11101010
91.41
8.59
10.64
235
11101011
91.80
8.20
11.19
236
11101100
92.19
7.81
11.80
237
11101101
92.58
7.42
12.47
238
11101110
92.97
7.03
13.22
239
11101111
93.36
6.64
14.06
240
11110000
93.75
6.25
15.00
241
11110001
94.14
5.86
16.07
242
11110010
94.53
5.47
17.29
243
11110011
94.92
5.08
18.69
244
11110100
95.31
4.69
20.33
245
11110101
95.70
4.30
22.27
246
11110110
96.09
3.91
24.60
247
11110111
96.48
3.52
27.44
248
11111000
96.88
3.13
31.00
249
11111001
97.27
2.73
35.57
250
11111010
97.66
2.34
41.67
251
11111011
98.05
1.95
50.20
252
11111100
98.44
1.56
63.00
253
11111101
98.83
1.17
84.33
254
11111110
99.22
0.78
127.00
255
11111111
99.61
0.39
255.00
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :TPL0501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com