Electronic Components Datasheet Search
  English  ▼

X  

IC-DP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-DP Datasheet HTML 1Page - IC-Haus GmbH IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH IC-DP Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iC-DP
HIGHSIDE SWITCH
Rev C3, Page 1/8
FEATURES
o 36 V highside switch/level shifter
o p-channel output driver without charge pump for short
activation time
o Decoupling of input and output reference voltages (SOT23-6L)
permits control by 5V logic
o 200 mA of output current
o Short-circuit protected
o Output with an active freewheeling circuit
o On-chip overtemperature protection with hysteresis
o 4 to 36 V input voltage range
o Input with hysteresis
o 3-pin configuration possible
o Wide temperature range of -40 to 120 °C
APPLICATIONS
o Highside switch for industrial
applications, such as relays,
inductive proximity sensors and
light barriers
PACKAGES
SOT23-6L
BLOCK DIAGRAM
200 mA
NI
PI
DP
VP
3.5 V
HIGH-SIDE
SWITCH
temperature
monitor
INPUT INTERFACE
T < 120°C
j
iC-DP
&
3-pin configuration
Copyright © 2011 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-DP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP Datasheet
465Kb / 10P
HIGHSIDE SWITCH
IC-DPSOT23-6L ICHAUS-IC-DPSOT23-6L Datasheet
215Kb / 7P
HIGHSIDE SWITCH
IC-DP ICHAUS-IC-DP_16 Datasheet
465Kb / 10P
HIGHSIDE SWITCH
More results

Similar Description - IC-DP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307 Datasheet
273Kb / 12P
Smart Highside Power Switch
2003-Oct-01
BTS308 INFINEON-BTS308 Datasheet
298Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS426L1 INFINEON-BTS426L1 Datasheet
327Kb / 14P
Smart Highside Power Switch
2003-Oct-01
BTS442E2 INFINEON-BTS442E2 Datasheet
284Kb / 14P
Smart Highside Power Switch
2003-Oct-01
logo
Siemens Semiconductor G...
BTS410-D2 SIEMENS-BTS410-D2 Datasheet
182Kb / 14P
Smart Highside Power Switch
logo
Infineon Technologies A...
BTS442E2 INFINEON-BTS442E2_99 Datasheet
306Kb / 14P
Smart Highside Power Switch
22.03.99
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP Datasheet
215Kb / 7P
HIGHSIDE SWITCH
logo
Infineon Technologies A...
BTS6143D INFINEON-BTS6143D_07 Datasheet
683Kb / 18P
Smart Highside Power Switch
Rev. 1.0, 2007-02
BTS441RGATMA1 INFINEON-BTS441RGATMA1 Datasheet
227Kb / 12P
Smart Highside Power Switch
2003-Oct-01
logo
IC-Haus GmbH
IC-DP ICHAUS-IC-DP_16 Datasheet
465Kb / 10P
HIGHSIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com