Electronic Components Datasheet Search
  English  ▼

X  

IC-DP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-DP
Description  HIGHSIDE SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-DP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-DP Datasheet HTML 1Page - IC-Haus GmbH IC-DP Datasheet HTML 2Page - IC-Haus GmbH IC-DP Datasheet HTML 3Page - IC-Haus GmbH IC-DP Datasheet HTML 4Page - IC-Haus GmbH IC-DP Datasheet HTML 5Page - IC-Haus GmbH IC-DP Datasheet HTML 6Page - IC-Haus GmbH IC-DP Datasheet HTML 7Page - IC-Haus GmbH IC-DP Datasheet HTML 8Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iC-DP
HIGHSIDE SWITCH
Rev C3, Page 3/8
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed. Absolute Maximum Ratings are no Operating Conditions.
Integrated circuits with system interfaces, e.g. via cable accessible pins (I/O pins, line drivers) are per principle endangered by injected
interferences, which may compromise the function or durability. The robustness of the devices has to be verified by the user during system
development with regards to applying standards and ensured where necessary by additional protective circuitry. By the manufacturer
suggested protective circuitry is for information only and given without responsibility and has to be verified within the actual system with
respect to actual interferences.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 V()
VP, PI Input Voltage with reference to
NI
V()=V(VP)-V(NI) bzw. V()=V(PI)-V(NI)
-0.3
40
V
G002 V(DP)
DP Output Voltage with reference to VP no free wheeling
-40
0.3
V
G003 I(DP)
DP Output Current
-300
mA
G004 I(PI)
PI Input Current
10
mA
G005 I(NI)
NI Input Current
-10
mA
G006 Vd()
ESD Susceptibility, all pins with
reference to VP, DP
HBM, 100 pF discharged through 1.5 kΩ
2
kV
G007 Tj
Max. Junction Temperature
-40
150
°C
G008 Ts
Storage Temperature Range
-40
150
°C
G009 Eas
Inductive load switch-off energy
dissipation
temperature monitor not active,
Tj < Ton
5
mJ
THERMAL DATA
Operating Conditions: V(PI) = 4...36 V, unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Ambient Temperature Range
-40
120
°C
All voltages are referenced to ground (NI) unless otherwise stated.
All currents flowing into the device pins are positive; all currents flowing out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com