Electronic Components Datasheet Search
  English  ▼

X  

AMLD-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AMLD-Z
Description  Up to 1000mA | LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-Z Datasheet(HTML) 2 Page - AIMTEC

  AMLD-Z Datasheet HTML 1Page - AIMTEC AMLD-Z Datasheet HTML 2Page - AIMTEC AMLD-Z Datasheet HTML 3Page - AIMTEC AMLD-Z Datasheet HTML 4Page - AIMTEC AMLD-Z Datasheet HTML 5Page - AIMTEC AMLD-Z Datasheet HTML 6Page - AIMTEC AMLD-Z Datasheet HTML 7Page - AIMTEC AMLD-Z Datasheet HTML 8Page - AIMTEC AMLD-Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
2 of 13
North America only
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load
20 - 500
KHz
Operating temperature
-40 to +85
oC
Storage temperature
-40 to +150
oC
Derating
See derating curve
Maximum case temperature
110
oC
Thermal Impedance
Free air convection
+30
oC/W
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-Conductive Black Plastic (UL94-V0 rated)
Weight
12.5
g
Dimensions (L x W x H)
1.25 x 0.80 x 0.49 inches
31.75 x 20.32 x 12.45 mm
MTBF
> 950 000hrs (MIL-HDBK-217 F at +25
oC)
Maximum Soldering Temperature
1.5mm from case for 10sec.
260
oC
NOTES:
1. Reversed polarity at the input power will damage the driver. The input ground must not be connected to the negative output.
2. Leave the pin VADJ opened if not used, grounding VADJ will shut the driver off, connecting VADJ to +Vin will damage the driver.
3. Maximum output open voltage is equal to input voltage.
Safety Specifications
Parameters
Agency approvals
CE
Standards
EN 55015 (CISPR22)
EN 61547
IEC 61000-4-2 (Perf. Criteria A)
IEC 61000-4-3 (Perf. Criteria A)
IEC 61000-4-4 (Perf. Criteria A)
IEC 61000-4-5 (Perf. Criteria A)
IEC 61000-4-6 (Perf. Criteria A)
IEC 61000-4-8 (Perf. Criteria A)
Pin Out Specifications
Pin
Single
2
- V Input
- DC Supply
3
- V Input
- DC Supply
4
Vadj
PWM/ON/OFF or not used
9
- V Output
LED Cathode connection
11
- V Output
LED Cathode connection
14
+ V Output
LED Anode connection
16
+ V Output
LED Anode connection
22
+ V Input
+ DC Supply
23
+ V Input
+ DC Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com