Electronic Components Datasheet Search
  English  ▼

X  

AMLD-Z Datasheet(PDF) 3 Page - AIMTEC

Part # AMLD-Z
Description  Up to 1000mA | LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLD-Z Datasheet(HTML) 3 Page - AIMTEC

  AMLD-Z Datasheet HTML 1Page - AIMTEC AMLD-Z Datasheet HTML 2Page - AIMTEC AMLD-Z Datasheet HTML 3Page - AIMTEC AMLD-Z Datasheet HTML 4Page - AIMTEC AMLD-Z Datasheet HTML 5Page - AIMTEC AMLD-Z Datasheet HTML 6Page - AIMTEC AMLD-Z Datasheet HTML 7Page - AIMTEC AMLD-Z Datasheet HTML 8Page - AIMTEC AMLD-Z Datasheet HTML 9Page - AIMTEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Series AMLD-Z
Up to 1000mA | LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.C
3 of 13
North America only
Derating
Dimensions
31.75
(1.25)
23 22
23
16
14
9
11
20.30
(0.80)
4
21
15.24
(0.60)
2.54
(0.1)
12.45
(0.49)
5.08
(0.2)
0.50
(0.02)
3.05
(0.12
Bottom View
25.40
(1.00
Application circuit examples:
Mechanical Tolerances
Case tolerance ± 0.25mm or ± 0.01 inches
Pin tolerance ± 0.05 or ± 0.002
AMLD-Z
+Vin
-Vin
+
VADJ
1st LED
Last LED
+Vout
1
1
Analogue DIM
PWM Dim/ON/OFF
-Vout
AMLD-Z
+Vin
-Vin
+
VADJ
1st LED
Last LED
+Vout
1
1
-Vout
Analogue DIM
PWM Dim/ON/OFF
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com