Electronic Components Datasheet Search
  English  ▼

X  

8S2TH06FP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8S2TH06FP
Description  Hyperfast Rectifier, 8 A FRED Pt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8S2TH06FP Datasheet(HTML) 4 Page - Vishay Siliconix

  8S2TH06FP Datasheet HTML 1Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 2Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 3Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 4Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 5Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 6Page - Vishay Siliconix 8S2TH06FP Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94553
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 19-Aug-10
VS-8S2TH06FP
Vishay Semiconductors Hyperfast Rectifier, 8 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd +PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 50 % rated VR
Average Forward Current - IF(AV)(A)
0
2
4
6
8
10
12
14
0
50
100
150
200
DC
50% rated Vr applied
Square Wave (D = 50)
see note (1)
Average Forward Current-IF(AV)(A)
02
468
10
12
0
5
10
15
20
25
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
RMS Limit
DC
di F /dt (A/μs )
0
0
0
1
0
0
1
10
100
If = 8A, 125°C
If = 8A, 25°C
Vr = 390V
di F/dt (A/μs )
0
0
0
1
0
0
1
10
100
1000
If = 8A, 125°C
If = 8A, 25°C
Vr = 390V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com