Electronic Components Datasheet Search
  English  ▼

X  

8EWF12STRR Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8EWF12STRR
Description  Surface Mountable Fast Soft Recovery Diode, 8 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWF12STRR Datasheet(HTML) 3 Page - Vishay Siliconix

  8EWF12STRR Datasheet HTML 1Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 2Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 3Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 4Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 5Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 6Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 7Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 94109
For technical questions, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 08-Jul-08
3
8EWF..SPbF Soft Recovery Series
Surface Mountable
Fast Soft Recovery Diode, 8 A
Vishay High Power Products
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
150
0
Average Forward Current (A)
1
80
29
110
130
90
3
5
140
4
60
7
8EWF.. S Series
R
thJC (DC) = 2.5 °C/W
Conduction angle
30°
60°
90°
120°
180°
8
6
70
100
120
Ø
150
04
Average Forward Current (A)
8
110
14
120
2
130
140
100
60
6
8EWF..S Series
R
thJC (DC) = 2.5 °C/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
70
80
90
12
10
2
0
12
0
Average Forward Current (A)
5
6
9
23
1
4
7
4
8
10
180°
120°
90°
60°
30°
Conduction angle
8EWF..S Series
T
J = 150 °C
RMS limit
8
6
Ø
0
18
0
Average Forward Current (A)
10
14
2
6
14
2
6
16
12
8
4
180°
120°
90°
60°
30°
DC
Ø
Conduction period
8EWF..S Series
T
J = 150 °C
RMS limit
12
10
8
4
180
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
120
80
100
140
160
150
90
110
130
170
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
8EWF..S Series
90
0.01
0.1
Pulse Train Duration (s)
140
80
100
110
170
200
1
160
180
8EWF..S Series
Maximum non-repetitive surge current
versus pulse train duration.
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
120
130
150
190



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com