Electronic Components Datasheet Search
  English  ▼

X  

8EWF12STRR Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 8EWF12STRR
Description  Surface Mountable Fast Soft Recovery Diode, 8 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWF12STRR Datasheet(HTML) 4 Page - Vishay Siliconix

  8EWF12STRR Datasheet HTML 1Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 2Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 3Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 4Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 5Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 6Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 7Page - Vishay Siliconix 8EWF12STRR Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94109
4
Revision: 08-Jul-08
8EWF..SPbF Soft Recovery Series
Vishay High Power Products
Surface Mountable
Fast Soft Recovery Diode, 8 A
Fig. 7 - Forward Voltage Drop Characteristics
Fig. 8 - Recovery Time Characteristics, TJ = 25 °C
Fig. 9 - Recovery Time Characteristics, TJ = 150 °C
Fig. 10 - Recovery Charge Characteristics, TJ = 25 °C
Fig. 11 - Recovery Charge Characteristics, TJ = 150 °C
Fig. 12 - Recovery Current Characteristics, TJ = 25 °C
1000
10
1
1.5
3.5
Instantaneous Forward Voltage (V)
100
4.0
1.0
2.5
0.5
2.0
3.0
8EWF..S Series
T
J = 25 °C
T
J = 150 °C
4.5
0.6
0
40
120
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.2
160
0.4
0
80
8EWF..S Series
T
J = 25 °C
I
FM = 10 A
I
FM = 1 A
I
FM = 5 A
I
FM = 2 A
I
FM = 8 A
0.1
0.3
0.5
0
0
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
0.4
0.6
0.2
0.8
40
8EWF..S Series
T
J = 150 °C
I
FM = 10 A
I
FM = 1 A
I
FM = 5 A
I
FM = 2 A
I
FM = 8 A
0
0
80
120
200
dI/dt - Rate of Fall of Forward Current (A/µs)
1.2
0.4
0.8
2.0
160
40
8EWF..S Series
T
J = 25 °C
I
FM = 10 A
I
FM = 8 A
I
FM = 5 A
I
FM = 2 A
I
FM = 1 A
1.6
0
40
200
dI/dt - Rate of Fall of Forward Current (A/µs)
1
2
3
4
5
80
120
8EWF..S Series
T
J = 150 °C
I
FM = 10 A
I
FM = 8 A
I
FM = 5 A
I
FM = 2 A
I
FM = 1 A
0
160
20
0
0
80
120
160
200
dI/dt - Rate of Fall of Forward Current (A/µs)
8
16
4
12
40
8EWF..S Series
T
J = 25 °C
I
FM = 10 A
I
FM = 8 A
I
FM = 5 A
I
FM = 2 A
I
FM = 1 A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com