Electronic Components Datasheet Search
  English  ▼

X  

810-0105-D01 Datasheet(PDF) 1 Page - Magnetrol International, Inc.

Part # 810-0105-D01
Description  Kotron짰 Model 810 RF Point Level Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

810-0105-D01 Datasheet(HTML) 1 Page - Magnetrol International, Inc.

  810-0105-D01 Datasheet HTML 1Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 2Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 3Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D E S C R I P T I O N
The Kotron Model 810 is a single point switch for alarm
applications using RF Capacitance technology. A guarded
probe and intrinsically safe probe circuit are provided.
The alarm point is tip sensitive in conductive media and
adjustable in non-conductive media. These units are
integral systems with the sensing probe mounted with
the electronics.
F E A T U R E S
• Sensitive and stable electronics detect even the most
non-conductive hydrocarbons
• Guard circuit and probe reject build-up of conductive
media
• Equipped with a 316 SS/Ryton probe available in
18" (450 mm) and 36" (920 mm) lengths
• Probe is ideal for high pressure applications – rated to
3500 psig at +100° F (240 bar at +40° C), 1750 psig at
+200° F (120 bar at +95° C)
• Intrinsically safe probe circuitry allows safe use in
hazardous media
• 5A DPDT relay is usable in most standard alarm
applications
• LED shows the status of the relay and aids in calibra-
tion and troubleshooting
• Zero to 45 second time delay feature eliminates relay
"chatter" due to turbulence
• Field selectable high level/low level failsafe
A P P L I C A T I O N S
• Clean or dirty liquids
• Viscous liquids
• Light slurries
• High temperature/pressure liquids
• Foods and beverages
• Powders and granulars
• Hydrocarbons and solvents
• Acids and caustics
Kotron
® Model 810
RF Point Level Switch


Similar Part No. - 810-0105-D01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
810-00022X ETC1-810-00022X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
810-00030X ETC1-810-00030X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
810-00032X ETC1-810-00032X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
810-00033X ETC1-810-00033X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
810-00038X ETC1-810-00038X Datasheet
622Kb / 5P
X-Cite® illuminators have been qualified for the following microscopes:
June 2021
More results

Similar Description - 810-0105-D01

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
80-5212-302 MAGNETROL-80-5212-302 Datasheet
126Kb / 4P
Kotron짰 RF Point Level Switches
082-803-400 MAGNETROL-082-803-400 Datasheet
121Kb / 6P
Kotron짰 Model 82 CE RF Level Transmitter
801-2031-A40 MAGNETROL-801-2031-A40 Datasheet
192Kb / 8P
Kotron짰 Model 801 RF Capacitance Transmitter for Level/Flow/Volume
804-R010-230 MAGNETROL-804-R010-230 Datasheet
162Kb / 8P
Kotron짰 Sentinel Model 804 RF Level Transmitter
804-R010-330 MAGNETROL-804-R010-330 Datasheet
456Kb / 32P
Kotron짰 Sentinel II Model 804 RF Level Transmitter
805-501A-110 MAGNETROL-805-501A-110 Datasheet
196Kb / 4P
Kotron짰 Model 805 Smart RF Level Transmitter
805-501A-111 MAGNETROL-805-501A-111 Datasheet
757Kb / 36P
KOTRON짰 MODEL 805 SMART RF LEVEL TRANSMITTER
810-0005-D01 MAGNETROL-810-0005-D01 Datasheet
257Kb / 16P
Kotron짰 Model 810 RF Point Level Sensor
811-1005-E00 MAGNETROL-811-1005-E00 Datasheet
201Kb / 8P
Kotron짰 Model 811 RF Point Level Switch
811-1005-E01 MAGNETROL-811-1005-E01 Datasheet
769Kb / 28P
Kotron짰 Model 811 RF Point Level Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com