Electronic Components Datasheet Search
  English  ▼

X  

810-0105-D01 Datasheet(PDF) 2 Page - Magnetrol International, Inc.

Part # 810-0105-D01
Description  Kotron짰 Model 810 RF Point Level Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETROL [Magnetrol International, Inc.]
Direct Link  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

810-0105-D01 Datasheet(HTML) 2 Page - Magnetrol International, Inc.

  810-0105-D01 Datasheet HTML 1Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 2Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 3Page - Magnetrol International, Inc. 810-0105-D01 Datasheet HTML 4Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Agency
Approved Model
Protection Method
Area Classification
FM
All models
Explosion Proof
Explosion proof with intrinsically safe probe circuit
Class
I, Div. 1, Groups C & D
Class
II, Div. 1, Groups E, F, & G
General purpose NEMA 4X
CSA
All models
Explosion Proof
Explosion proof with intrinsically safe probe circuit
Class
I, Div. 1, Groups C & D
Class
II, Div. 1, Groups E, F, & G
General purpose TYPE 4X
A G E N C Y
A P P R O V A L S
These units have been tested to EN 50081-2
and EN 50082-2 and are in compliance with
the EMC Directive 89/336/EEC.
The amount of capacitance developed in any vessel is
determined by the size (surface area) of the probe, the
distance from the probe to its ground, and the dielectric
of the medium being measured. Considering that the
probe’s mounting position is fixed, and that the dielectric
value of the medium is constant, then the amount of
capacitance developed in any vessel becomes dependent
upon the amount of the probe which is covered by
the media.
As media rises and falls in the tank, the amount of capaci-
tance developed between the sensing probe and the
ground also rises and falls. This change in capacitance is
measured in the electronics. When the capacitance mea-
surement is the same as the setpoint, an alarm occurs.
T E C H N O L O G Y
S P E C I F I C A T I O N S
2
Supply voltage
120 VAC, 50–60 Hz (+10%, -15%)
240 VAC, 50–60 Hz (+10%, -15%)
24 VDC (±10%)
12 VDC (±10%)
Power consumption
120 or 240 VAC Less than 5 volt-amps
12 or 24 VDC 1 watt maximum
Zero range
0 pF minimum to 500 pF maximum
Fixed differential
0.5 pF
Output relays ( reversible DPDT)
AC 5 amp @ 250 VAC resistive
DC 5 amp @ 30 VDC, 0.5 amp @ 125 VDC resistive
Response time
100 milliseconds
Repeatability
Better than 1.0%
Ambient temperature
Electronics -40° to +160° F (-40° to +70° C)
Operating process pressure/temperature
3500 psig @ +100° F (240 bar @ +40° C)
1750 psig @ +200° F (120 bar @ +95° C)
Temperature coefficient of set point
-40° to +160° F (-40° to +70° C) ±.01% per degree F of setpoint
(±.018% per degree C of setpoint)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com