Electronic Components Datasheet Search
  English  ▼

X  

20ETF02SPBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 20ETF02SPBF
Description  Surface Mountable Fast Soft Recovery Rectifier Diode, 20 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

20ETF02SPBF Datasheet(HTML) 3 Page - Vishay Siliconix

  20ETF02SPBF Datasheet HTML 1Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 2Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 3Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 4Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 5Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 6Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 7Page - Vishay Siliconix 20ETF02SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VS-20ETF..SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Aug-11
3
Document Number: 94097
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Rating Characteristics
Fig. 2 - Current Rating Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
80
70
150
06
Average Forward Current (A)
4
28
100
10
22
120
90
130
110
30°
60° 90° 120° 180°
Conduction angle
20ETF.. Series
R
thJC (DC) = 0.9 K/W
12 14 16 18 20
140
Ø
90
80
150
025
Average Forward Current (A)
15
530
110
35
120
100
10
20
130
140
20ETF.. Series
R
thJC (DC) = 0.9 K/W
Ø
Conduction period
30°
60°
90°
120°
180°
DC
10
0
35
0
Average Forward Current (A)
20
25
25
30
20
10
15
5
5
15
180°
120°
90°
60°
30°
RMS limit
20ETF.. Series
T
J = 150 °C
Conduction angle
Ø
10
0
45
0
Average Forward Current (A)
30
25
35
35
15
10
20
5
15
25
20ETF.. Series
T
J = 150 °C
Ø
Conduction period
RMS limit
180°
120°
90°
60°
30°
DC
5
20
30
40
300
50
1
10
100
Number of Equal Amplitude Half Cycle
Current Pulses (N)
200
100
150
250
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 150 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
20ETF.. Series
450
150
50
0.001
0.01
1
Pulse Train Duration (s)
300
100
200
250
350
550
Maximum non-repetitive surge current
versus pulse train duration.
20ETF.. Series
Initial T
J = 150 °C
No voltage reapplied
Rated V
RRM reapplied
0.1
500
400



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com