Electronic Components Datasheet Search
  English  ▼

X  

2N6383 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2N6383
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6383 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2N6383 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6383 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6383 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2N6383 2N6384 2N6385
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N6383
40
2N6384
60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N6385
IC=0.2A ;IB=0
80
V
VCEsat-1
Collector-emitter saturation voltage
IC=5A; IB=10mA
2.0
V
VCEsat-2
Collector-emitter saturation voltage
IC=10A ;IB=100mA
3.0
V
VBE-1
Base-emitter on voltage
IC=5A ; VCE=3V
2.8
V
VBE-2
Base-emitter on voltage
IC=10A ; VCE=3V
4.5
V
2N6383
VCE=40V; IB=0
2N6384
VCE=60V; IB=0
ICEO
Collector cut-off current
2N6385
VCE=80V; IB=0
1.0
mA
2N6383
VCE=40V; VBE=-1.5V
TC=125℃
0.3
3.0
2N6384
VCE=60V; VBE=-1.5V
TC=125℃
0.3
3.0
ICEX
Collector cut-off current
2N6385
VCE=80V; VBE=-1.5V
TC=125℃
0.3
3.0
mA
IEBO
Emitter cut-off current
VEB=5V; IC=0
10
mA
hFE-1
DC current gain
IC=5A ; VCE=3V
1000
20000
hFE-2
DC current gain
IC=10A ; VCE=3V
100
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
200
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com