Electronic Components Datasheet Search
  English  ▼

X  

2N6383 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2N6383
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2N6383 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2N6383 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2N6383 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2N6383 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2N6383 2N6384 2N6385
DESCRIPTION
・With TO-3 package
・Complement to type 2N6648/6649/6650
・DARLINGTON
・High DC current gain
APPLICATIONS
・Designed for low and medium frequency
power application such as power switching
audio amplifer ,hammer drivers and shunt
and series regulators
PINNING
PIN
DESCRIPTION
1
Base
2
Emitter
3
Collector
Absolute maximum ratings(Ta=℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2N6383
40
2N6384
60
VCBO
Collector-base voltage
2N6385
Open emitter
80
V
2N6383
40
2N6384
60
VCEO
Collector-emitter voltage
2N6385
Open base
80
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
10
A
ICM
Collector current-peak
15
A
IB
Base current
0.25
A
PD
Total Power Dissipation
TC=25℃
100
W
Tj
Junction temperature
200
℃
Tstg
Storage temperature
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal resistance junction to case
1.75
℃/W
Fig.1 simplified outline (TO-3) and symbol


Similar Part No. - 2N6383

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6383 MOSPEC-2N6383 Datasheet
146Kb / 3P
POWER TRANSISTORS(10A,100W)
logo
Microsemi Corporation
2N6383 MICROSEMI-2N6383 Datasheet
55Kb / 2P
NPN DARLINGTON POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N6383 CENTRAL-2N6383 Datasheet
51Kb / 1P
POWER TRANSISTORS TO-3 CASE
logo
List of Unclassifed Man...
2N6383 ETC-2N6383 Datasheet
347Kb / 8P
Power Transistors
logo
Savantic, Inc.
2N6383 SAVANTIC-2N6383 Datasheet
114Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6383

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com