Electronic Components Datasheet Search
  English  ▼

X  

60EPF06PBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 60EPF06PBF
Description  Fast Soft Recovery Rectifier Diode, 60 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF06PBF Datasheet(HTML) 6 Page - Vishay Siliconix

  60EPF06PBF Datasheet HTML 1Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 2Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 3Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 4Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 5Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 6Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 7Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 8Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VS-60EPF0.PbF, VS-60CPF0.PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
6
Document Number: 94104
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
2
-
Current rating (60 = 60 A)
3
-
Circuit configuration:
E = Single diode, 2 pins
C = Single diode, 3 pins
4
-
Package:
P = TO-247AC/AC modified
5
-
Type of silicon:
F = Fast recovery
6
-
Voltage code x 100 = VRRM
7
-
PbF = Lead (Pb)-free
02 = 200 V
04 = 400 V
06 = 600 V
Device code
6
2
4
3
5
7
60
E
P
F
06
PbF
1
VS-
1
-
Vishay Semiconductors product
LINKS TO RELATED DOCUMENTS
Dimensions
TO-247AC modified
www.vishay.com/doc?95253
TO-247AC
www.vishay.com/doc?95223
Part marking information
TO-247AC modified
www.vishay.com/doc?95255
TO-247AC
www.vishay.com/doc?95226
SPICE model
www.vishay.com/doc?95275



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com