Electronic Components Datasheet Search
  English  ▼

X  

60EPF06PBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 60EPF06PBF
Description  Fast Soft Recovery Rectifier Diode, 60 A
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

60EPF06PBF Datasheet(HTML) 1 Page - Vishay Siliconix

  60EPF06PBF Datasheet HTML 1Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 2Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 3Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 4Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 5Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 6Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 7Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 8Page - Vishay Siliconix 60EPF06PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
VS-60EPF0.PbF, VS-60CPF0.PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 18-Aug-11
1
Document Number: 94104
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fast Soft Recovery Rectifier Diode, 60 A
FEATURES
• Designed
and
qualified
according
to
JEDEC-JESD47
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
• Output
rectification
and
freewheeling
in
inverters,
choppers and converters
• Input
rectifications
where
severe
restrictions
on
conducted EMI should be met
DESCRIPTION
The VS-60EPF..PbF and VS-60CPF..PbF fast soft recovery
rectifier series has been optimized for combined short
reverse recovery time and low forward voltage drop.
The glass passivation ensures stable reliable operation in
the most severe temperature and power cycling conditions.
PRODUCT SUMMARY
Package
TO-247AC modified (2 pins), TO-247AC
IF(AV)
60 A
VR
200 V, 400 V, 600 V
VF at IF
1.3 V
IFSM
830 A
trr
70 ns
TJ max.
150 °C
Diode variation
Single die
Snap factor
0.5
TO-247AC modified
TO-247AC
2
13
Base cathode
Anode
Anode
Base cathode
2
13
Anode
Cathode
VS-60CPF..
VS-60EPF..
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
VRRM
200 to 600
V
IF(AV)
Sinusoidal waveform
60
A
IFSM
830
trr
1 A, 100 A/μs
70
ns
VF
30 A, TJ = 25 °C
1.1
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK REVERSE VOLTAGE
V
IRRM
AT 150 °C
mA
VS-60EPF02PbF, VS-60CPF02PbF
200
300
5
VS-60EPF04PbF, VS-60CPF04PbF
400
500
VS-60EPF06PbF, VS-60CPF06PbF
600
700
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
IF(AV)
TC = 106 °C, 180° conduction half sine wave
60
A
Maximum peak one cycle
non-repetitive surge current
IFSM
10 ms sine pulse, rated VRRM applied
700
10 ms sine pulse, no voltage reapplied
830
Maximum I2t for fusing
I2t
10 ms sine pulse, rated VRRM applied
2450
A2s
10 ms sine pulse, no voltage reapplied
3460
Maximum I2
t for fusing
I2
t
t = 0.1 ms to 10 ms, no voltage reapplied
34 600
A2
s


Similar Part No. - 60EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
60EPF06 IRF-60EPF06 Datasheet
149Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
logo
Inchange Semiconductor ...
60EPF06 ISC-60EPF06 Datasheet
284Kb / 2P
Fast Recovery Rectifier Diode
More results

Similar Description - 60EPF06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30EPF10PBF VISHAY-30EPF10PBF Datasheet
293Kb / 9P
Fast Soft Recovery Rectifier Diode, 30 A
09-Dec-09
60EPF10PBF VISHAY-60EPF10PBF Datasheet
284Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
80EPF02PBF VISHAY-80EPF02PBF Datasheet
245Kb / 8P
Fast Soft Recovery Rectifier Diode, 80 A
05-Jun-08
60EPF10PBF VISHAY-60EPF10PBF_13 Datasheet
197Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
20-Oct-11
VS-60.PF0.PBF VISHAY-VS-60.PF0.PBF Datasheet
264Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
11-Feb-16
VS-60EPF0.PBF VISHAY-VS-60EPF0.PBF Datasheet
271Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
VS-60EPF0PBF VISHAY-VS-60EPF0PBF Datasheet
271Kb / 9P
Fast Soft Recovery Rectifier Diode, 60 A
18-Aug-11
VS-60PF0-M3 VISHAY-VS-60PF0-M3 Datasheet
215Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
29-Nov-2019
VS-60PF1-M3 VISHAY-VS-60PF1-M3 Datasheet
220Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
29-Nov-2019
60EPF60CPF VISHAY-60EPF60CPF Datasheet
194Kb / 7P
Fast Soft Recovery Rectifier Diode, 60 A
09-Dec-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com