Electronic Components Datasheet Search
  English  ▼

X  

SWP12N65 Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWP12N65
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWP12N65 Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWP12N65 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Mar. 2011. Rev. 2.0
1/7
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
SW
SW12
12N6
N6 5
5
Features
■ High ruggedness
■ R
DS(ON) (Max 0.8 Ω)@VGS=10V
■ Gate Charge (Typ 47nC)
■ Improved dv/dt Capability
■ 100% Avalanche Tested
General Description
This power MOSFET is produced with advanced VDMOS technology of SAMWIN.
This technology enable power MOSFET to have better characteristics, such as fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics. It is mainly suitable for half bridge or full bridge resonant topology
like a electronic ballast, and also low power switching mode power appliances.
N-channel MOSFET
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-220F
VDSS
Drain to Source Voltage
650
V
ID
Continuous Drain Current (@TC=25
oC)
12.0
12.0*
A
Continuous Drain Current (@TC=100
oC)
7.0
7.0*
A
IDM
Drain current pulsed
(note 1)
48
A
VGS
Gate to Source Voltage
±30
V
EAS
Single pulsed Avalanche Energy
(note 2)
797
mJ
EAR
Repetitive Avalanche Energy
(note 1)
16.5
mJ
dv/dt
Peak diode Recovery dv/dt
(note 3)
5.0
V/ns
PD
Total power dissipation (@TC=25
oC)
165
54*
W
Derating Factor above 25oC
1.32
0.43
W/oC
TSTG, TJ
Operating Junction Temperature & Storage Temperature
-55 ~ + 150
oC
TL
Maximum Lead Temperature for soldering
purpose, 1/8 from Case for 5 seconds.
300
oC
Thermal characteristics
Symbol
Parameter
Value
Unit
TO-220
TO-220F
Rthjc
Thermal resistance, Junction to case
0.76
2.30
oC/W
Rthcs
Thermal resistance, Case to Sink
0.5
oC/W
Rthja
Thermal resistance, Junction to ambient
62.5
oC/W
*. Drain current is limited by junction temperature.
BV
DSS : 650V
I
D
: 12.0A
R
DS(ON) : 0.8ohm
1. Gate 2. Drain 3. Source
1
2
3
TO-220F
TO-220
SAMWIN
SW
SW12
12N6
N6 5
5
1
2
3
1
2
3


Similar Part No. - SWP12N65

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SWP12N65 VBSEMI-SWP12N65 Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - SWP12N65

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT6M100K MICROSEMI-APT6M100K Datasheet
263Kb / 4P
N-Channel MOSFET
APT24M120B2 MICROSEMI-APT24M120B2 Datasheet
407Kb / 4P
N-Channel MOSFET
APT28M120B2 MICROSEMI-APT28M120B2 Datasheet
283Kb / 4P
N-Channel MOSFET
APT34M60B MICROSEMI-APT34M60B Datasheet
398Kb / 4P
N-Channel MOSFET
APT34M120J MICROSEMI-APT34M120J Datasheet
273Kb / 4P
N-Channel MOSFET
APT41M80B2 MICROSEMI-APT41M80B2 Datasheet
265Kb / 4P
N-Channel MOSFET
APT43M60B2 MICROSEMI-APT43M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
APT58M50J MICROSEMI-APT58M50J Datasheet
275Kb / 4P
N-Channel MOSFET
APT66M60B2 MICROSEMI-APT66M60B2 Datasheet
398Kb / 4P
N-Channel MOSFET
logo
KIA Semiconductor Techn...
2302 KIA-2302 Datasheet
110Kb / 4P
P-CHANNEL MOSFET N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com