Electronic Components Datasheet Search
  English  ▼

X  

SWP12N65 Datasheet(PDF) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SWP12N65
Description  N-channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SWP12N65 Datasheet(HTML) 2 Page - Xian Semipower Electronic Technology Co., Ltd.

  SWP12N65 Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd. SWP12N65 Datasheet HTML 7Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
I
2/7
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Electrical characteristic ( T
C = 25
oC unless otherwise specified )
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Off characteristics
BVDSS
Drain to source breakdown voltage
VGS=0V, ID=250uA
650
-
-
V
ΔBV
DSS
/ ΔTJ
Breakdown voltage temperature
coefficient
ID=250uA, referenced to 25
oC
-
0.63
-
V/oC
IDSS
Drain to source leakage current
VDS=650V, VGS=0V
-
-
1
uA
VDS=520V, TC=125
oC
-
-
50
uA
GSS
Gate to source leakage current, forward
VGS=30V, VDS=0V
-
-
100
nA
VGS=-30V, VDS=0V
-
-
-100
nA
Gate to source leakage current, reverse
On characteristics
VGS(TH)
Gate threshold voltage
VDS=VGS, ID=250uA
2.0
-
4.0
V
RDS(ON)
Drain to source on state resistance
VGS=10V, ID = 6A
0.7
0.8
Ω
Dynamic characteristics
Ciss
Input capacitance
VGS=0V, VDS=25V, f=1MHz
1950
2530
pF
Coss
Output capacitance
156
205
Crss
Reverse transfer capacitance
32
42
td(on)
Turn on delay time
VDS=325V, ID=12A, RG=25Ω
25
60
ns
tr
Rising time
73
180
td(off)
Turn off delay time
148
300
tf
Fall time
76
160
Qg
Total gate charge
VDS=520V, VGS=10V, ID=12A
47
60
nC
Qgs
Gate-source charge
9
-
Qgd
Gate-drain charge
12
-
Source to drain diode ratings characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IS
Continuous source current
Integral reverse p-n Junction
diode in the MOSFET
-
-
12
A
ISM
Pulsed source current
-
-
48
A
VSD
Diode forward voltage drop.
IS=12A, VGS=0V
-
-
1.5
V
Trr
Reverse recovery time
IS=12A, VGS=0V,
dIF/dt=100A/us
-
400
-
ns
Qrr
Breakdown voltage temperature
-
4.8
-
uC
※. Notes
1.
Repeatitive rating : pulse width limited by junction temperature.
2.
L = 13mH, I
AS = 12.0A, VDD = 50V, RG=50Ω, Starting TJ = 25
o
C
3.
I
SD ≤ 12.0A, di/dt = 300A/us, VDD ≤ BVDSS, Staring TJ =25
o
C
4.
Pulse Test : Pulse Width ≤ 300us, duty cycle ≤ 2%
5.
Essentially independent of operating temperature.
SW
SW12
12N6
N6 5
5
SAMWIN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com