Electronic Components Datasheet Search
  English  ▼

X  

FM21L16 Datasheet(PDF) 1 Page - Ramtron International Corporation

Part # FM21L16
Description  2Mbit F-RAM Memory
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAMTRON [Ramtron International Corporation]
Direct Link  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM21L16 Datasheet(HTML) 1 Page - Ramtron International Corporation

  FM21L16 Datasheet HTML 1Page - Ramtron International Corporation FM21L16 Datasheet HTML 2Page - Ramtron International Corporation FM21L16 Datasheet HTML 3Page - Ramtron International Corporation FM21L16 Datasheet HTML 4Page - Ramtron International Corporation FM21L16 Datasheet HTML 5Page - Ramtron International Corporation FM21L16 Datasheet HTML 6Page - Ramtron International Corporation FM21L16 Datasheet HTML 7Page - Ramtron International Corporation FM21L16 Datasheet HTML 8Page - Ramtron International Corporation FM21L16 Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Pre-Production
This is a product in the pre-production phase of development. Device
Ramtron International Corporation
characterization is complete and Ramtron does not expect to change the
1850 Ramtron Drive, Colorado Springs, CO 80921
specifications. Ramtron will issue a Product Change Notice if any
(800) 545-FRAM, (719) 481-7000
specification changes are made.
http://www.ramtron.com
Rev. 2.0
Apr. 2011
Page 1 of 15
FM21L16
2Mbit F-RAM Memory
Features
2Mbit Ferroelectric Nonvolatile RAM
•
Organized as 128Kx16
•
Configurable as 256Kx8 Using /UB, /LB
•
1014 Read/Write Cycles
•
NoDelay™ Writes
•
Page Mode Operation to 33MHz
•
Advanced High-Reliability Ferroelectric Process
SRAM Compatible
•
Industry Std. 128Kx16 SRAM Pinout
•
60 ns Access Time, 110 ns Cycle Time
Advanced Features
•
Software Programmable Block Write Protect
Superior to Battery-backed SRAM Modules
•
No Battery Concerns
•
Monolithic Reliability
•
True Surface Mount Solution, No Rework Steps
•
Superior for Moisture, Shock, and Vibration
Low Power Operation
•
2.7V – 3.6V Power Supply
•
Low Current Mode (5µA) using ZZ pin
•
Low Active Current (8 mA typ.)
Industry Standard Configuration
•
Industrial Temperature -40
° C to +85° C
•
44-pin “Green”/RoHS TSOP-II package
Description
The FM21L16 is a 128Kx16 nonvolatile memory that
reads and writes like a standard SRAM. A
ferroelectric random access memory or F-RAM is
nonvolatile, which means that data is retained after
power is removed. It provides data retention for over
10 years while eliminating the reliability concerns,
functional
disadvantages,
and
system
design
complexities of battery-backed SRAM (BBSRAM).
Fast write timing and high write endurance make the
F-RAM superior to other types of memory.
In-system operation of the FM21L16 is very similar
to other RAM devices and can be used as a drop-in
replacement for standard SRAM. Read and write
cycles may be triggered by /CE or simply by
changing the address. The F-RAM memory is
nonvolatile due to its unique ferroelectric memory
process. These features make the FM21L16 ideal for
nonvolatile memory applications requiring frequent
or rapid writes in the form of an SRAM.
The FM21L16 includes a low voltage monitor that
blocks access to the memory array when VDD drops
below VDD min. The memory is protected against an
inadvertent access and data corruption under this
condition. The device also features software-
controlled write protection. The memory array is
divided into 8 uniform blocks, each of which can be
individually write protected.
The device is available in a 400 mil 44-pin TSOP-II
surface mount package. Device specifications are
guaranteed over industrial temperature range –40°C
to +85°C.
Pin Configuration
Ordering Information
FM21L16-60-TG
60 ns access, 44-pin
“Green”/RoHS TSOP-II
FM21L16-60-TGTR
60 ns access, 44-pin
“Green”/RoHS TSOP-II,
Tape & Reel


Similar Part No. - FM21L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
2Mbit FRAM Memory
logo
Cypress Semiconductor
FM21L16 CYPRESS-FM21L16 Datasheet
1Mb / 22P
2-Mbit (128 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM21L16-60-TG RAMTRON-FM21L16-60-TG Datasheet
224Kb / 14P
2Mbit FRAM Memory
logo
Cypress Semiconductor
FM21L16-60-TG CYPRESS-FM21L16-60-TG Datasheet
1Mb / 22P
2-Mbit (128 K 횞 16) F-RAM Memory
FM21L16-60-TGTR CYPRESS-FM21L16-60-TGTR Datasheet
1Mb / 22P
2-Mbit (128 K 횞 16) F-RAM Memory
More results

Similar Description - FM21L16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
2Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
4Mbit F-RAM Memory
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
8Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
4Mbit F-RAM Memory
FM28V202 CYPRESS-FM28V202 Datasheet
479Kb / 18P
2Mbit (128Kx16)F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com