Electronic Components Datasheet Search
  English  ▼

X  

2SC4488 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4488
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4488 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4488 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1708 / 2SC4488
No.3094-3/5
f T -- IC
f T -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
Collector Current, IC -- A
hFE -- IC
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
100
10
3
2
7
5
3
2
2SA1708
VCE= --10V
ITR04330
2SC4488
VCE=10V
ITR04331
Ta=75°C
25
°C
--25°C
2SC4488
VCE=5V
ITR04329
100
10
--0.01
1000
7
5
3
2
7
5
3
2
23
5
7
--0.1
72
3
5
7 --1.0
23
2SA1708
VCE= --5V
ITR04328
Ta=75°C
--25
°C
25°C
2SC4488
VCE=5V
ITR04327
2SA1708
VCE= --5V
--1.2
--0.6
--0.8
--1.0
--0.2
--0.4
0
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR04326
0
1.2
1.0
0.8
0.6
0.4
0.2
100
10
3
2
7
5
3
2
1.2
0.6
0.8
1.0
0.2
0.4
0
100
10
0.01
1000
7
5
3
2
7
5
3
2
23
5
7
0.1
72
3
5
7 1.0
23
--0.01
23
5
7
--0.1
72
3
5
7
--1.0
0.01
23
5
7
0.1
72
3
5
7
1.0
ITR04325
2SC4488
ITR04324
2SA1708
IB=0mA
--0.5mA
--1.0mA
--1.5mA
--2.0mA
--2.5mA
IB=0mA
0.5mA
1.0mA
1.5mA
2.0mA
--500
--400
--300
--200
--100
0
0
--10
--20
--40
--50
--30
500
400
300
200
100
0
010
20
40
50
30



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com