Electronic Components Datasheet Search
  English  ▼

X  

2SC4488 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4488
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4488 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4488 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4488 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SA1708 / 2SC4488
No.3094-4/5
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector-to-Base Voltage, VCB -- V
Cob -- VCB
Cob -- VCB
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
3
1.0
2
0.1
3
0.01
2
5
5
3
2
5
57
2
5
37
2
1.0
10
25
37 100
ITR04338
ITR04337
ITR04339
--10
7
5
3
2
7
5
3
--1.0
--0.01
72
3
7
52
3
7
52
--0.1
--1.0
ITR04336
2SA1708
IC / IB=10
2SC4488
IC / IB=10
1.2
1.0
0
0.8
0.6
0.4
0.2
100
140
120
160
20
060
40
80
2SA1708 / 2SC4488
Ta= --25°C
75°C
25°C
IC=1.0A
ICP=2.0A
100ms
10ms
DC
operation
Ta= --25°C
75
°C
25
°C
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)
ITR04335
Ta=75°C
--25
°C
25°C
2SC4488
IC / IB=10
--0.01
72
23
5
7
23
5
7
--0.1
--1.0
3
2
7
5
3
2
7
5
--1000
--100
ITR04334
Ta=75
°C
--25°
C
25°
C
2SA1708
IC / IB=10
0.01
72
2
3
57
2
3
57
0.1
1.0
3
2
7
5
3
2
7
5
1000
100
10
7
5
3
2
7
5
3
1.0
0.01
72
3
7
52
3
7
52
0.1
1.0
2SA1708 / 2SC4488
1ms
2SC4488
f=1MHz
5
2
3
3
2
5
7
7
100
10
--10
--100
--1.0
57
72
3
5
7
22
3
ITR04332
2SA1708
f=1MHz
ITR04333
5
2
3
2
3
5
7
7
10
100
10
100
1.0
57
72
3
5
7
22
3



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com