Electronic Components Datasheet Search
  English  ▼

X  

2SA2202 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SA2202
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2202 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SA2202 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SA2202
No. A0583-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=--1A, IB=--100mA
--120
--240
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=--1A, IB=--100mA
--0.85
--1.2
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=--10µA, IE=0A
--100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=--100µA, RBE=0Ω
--100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=--1mA, RBE=∞
--100
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=--10µA, IC=0A
--7
V
Turn-ON Time
ton
See specified Test Circuit.
40
ns
Storage Time
tstg
See specified Test Circuit.
600
ns
Fall Time
tf
See specified Test Circuit.
30
ns
Package Dimensions
Switching Time Test Circuit
unit : mm (typ)
7007A-004
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
--0.4
--0.8
--1.2
--1.6
--2.0
0--0.1
--0.2
--0.3
--0.4
--0.5
IB= --5mA
--20mA
--60mA
--120mA
--80mA
--100mA
IT11879
--40mA
--2.0
--1.6
--0.8
--0.4
--1.2
--1.8
--1.4
--0.6
--0.2
--1.0
0
0--0.2
--0.4
--0.6
--0.8
--1.0
IT11880
VCE= --5V
VR
RL
VCC= --50V
VBE=5V
IC= --10IB1=10IB2= --0.5A
++
50Ω
INPUT
OUTPUT
RB
220µF
470µF
PW=20µs
IB1
IB2
D.C.≤1%
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com