Electronic Components Datasheet Search
  English  ▼

X  

2SA2202 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SA2202
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2202 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SA2202 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2202 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA2202
No. A0583-3/4
Cob -- VCB
VBE(sat) -- IC
fT -- IC
VCE(sat) -- IC
Collector Current, IC -- A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC -- A
Collector Current, IC -- A
A S O
PC -- Ta
Ambient Temperature, Ta --
°C
Collector-to-Emitter Voltage, VCE -- V
hFE -- IC
Collector Current, IC -- A
PC -- Tc
Case Temperature, Tc --
°C
--0.01
--0.1
--1.0
7
5
3
2
7
5
3
2
5
3
2
--0.1
--0.01
--1.0
--100
--10
25
37
2
2
5
37
25
37
25
37
ICP= --3A
100ms
<10
µs
10ms 1ms
IC= --2A
IT11886
20
060
40
80
100
140
120
160
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
IT11870
0
0.2
0.4
0.6
0.8
1.6
1.0
1.2
1.3
1.4
20
060
40
80
100
140
120
160
IT11869
7
3
100
2
2
5
1000
7
5
3
--0.01
25
7
7
3
--0.1
25
32
5
3
--1.0
IT11885
VCE= --10V
Mounted
on
a
ceramic
board
(250mm
2
✕
0.8mm)
--0.1
2
3
5
2
3
5
7
--1.0
7
--0.01
7
--0.01
--0.1
23
5
7
2
3
5
7
2
3
5
--1.0
Ta=75
°C
--25
°C
IT11882
IC / IB=10
Ta=75°C
25°C
--25°C
1000
100
7
5
3
2
7
5
3
2
--0.01
3
25
--0.1
73
25
7
3
25
--1.0
VCE= --5V
IT11881
25
°C
--1.0
--0.01
--0.1
--1.0
Ta= --25°C
25
°C
75°C
3
2
7
5
3
2
23
5
7
2
3
5
7
2
3
5
IC / IB=10
IT11883
2
7
5
5
3
2
7
100
10
--0.1
23
7
52
3
7
52
3
7
5
--1.0
--10
--100
IT11884
f=1MHz
Tc=25
°C
Single pulse
Mounted on a ceramic board (250mm2
✕0.8mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com